Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 23 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 23Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 24Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 25Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 26Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
FUSB307B
www.onsemi.com
23
Table 10.
TYPE C SPECIFIC PARAMETERS (continued)
Symbol
Unit
TA = −40 to +855C
TA = −40 to +1055C (Note 17)
TJ = −40 to +1255C
Parameter
Symbol
Unit
Max
Typ
Min
Parameter
vRa−SRC3A
Ra Detection Threshold for CC Pin for Source for 3 A
Current on VBUS
0.75
0.80
0.85
V
vRd−SRCdef
Rd Detection Threshold for Source for Default Current
(HOST_CUR1/0 = 01)
1.50
1.60
1.65
V
vRd−SRC1.5A
Rd Detection Threshold for Source for 1.5 A Current
(HOST_CUR1/0 = 10)
1.50
1.60
1.65
V
vRd−SRC3A
Rd Detection Threshold for Source for 3 A Current
(HOST_CUR1/0 = 11)
2.45
2.60
2.75
V
vRa−SNK
Ra Detection Threshold for CC Pin for Sink
0.15
0.20
0.25
V
vRd−def
Rd Default Current Detection Threshold for Sink
0.61
0.66
0.70
V
vRd−1.5A
Rd 1.5 A Current Detection Threshold for Sink
1.16
1.23
1.31
V
vRd−3.0A
Rd 3 A Current Detection Threshold for Sink
2.04
2.11
2.18
V
zOPEN
CC resistance for disabled state, ROLECTRL = 0Fh
126
k
Ω
vVCONNthr
Valid VCONN Voltage
Assumes PWRCTRL.EN_VCONN = 1b
2.4
V
tTCPCfilter
Debounce time on CC lines to prevent CCSTAT change in case
of minor changes in voltage on CC because of noise
4
500
μs
tCCDebounce
Debounce Time for CC Attach Detection
100
150
200
ms
tPDDebounce
(Note 13)
Time a port shall wait before it can determine there has been a
change in USB Type−C current due to the potential for USB−PD
BMC signaling on CC
10
15
20
ms
tSetReg
Time between CC status change and I2C registers
updated
50
μs
tTCPCSampleRate
CC Sample rate for indicating changes on CC lines
1
ms
tDRP
Sum of tToggleSrc and tToggleSnk timers
50
100
ms
tToggleSrc
Time Spent in Apply Rp before
transitioning to Apply Rd
DRPTOGGLE = 00
15
30
ms
DRPTOGGLE = 01
20
40
ms
DRPTOGGLE = 10
25
50
ms
DRPTOGGLE = 11
30
60
ms
tToggleSnk
Time Spent in Apply Rd before
transitioning to Apply Rp
DRPTOGGLE = 00
35
70
ms
DRPTOGGLE = 01
30
60
ms
DRPTOGGLE = 10
25
50
ms
DRPTOGGLE = 11
20
40
ms
12. RDEVICE minimum and maximum specifications are only guaranteed when power is applied.
13. Only Applicable to Autonomous Debug State machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com