Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BVMPX Datasheet(PDF) 19 Page - ON Semiconductor

Part # FUSB307BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BVMPX Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FUSB307BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB307BVMPX Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
FUSB307B
www.onsemi.com
19
Fast Role Swap Cable Disconnect
(Informational Only)
The Initial Sink device waiting for FRSwap will not
disconnect on VBUS since PWRCTRL.AUTO_DISCH
will be set to zero by the TCPM. If the Type−C cable
detaches while the Initial Sink is ready for a FRSwap, it will
look like the Initial Source has initiated a FRSwap; The CC
lines will be driven to GND by Rd.
The initial Sink will perform the FRSwap and the TCPM
will initiate the FR_Swap message. Since there is no device
attached, there will be no GoodCRC response which will
transition to Type−C Error Recovery.
Figure 17. Fast Role Swap Flow Diagram
Sourcing VBUS
Swap request Detected
Issue a PD_RESET
SNK = Low (FUSB305/6)
SRC = High
Interrupt ALERT_VD.SWAP_RX
HUB FUSB305/6/7 Initially
Acting as Source
Sinking VBUS
System Loses Power source
Initiate Fast Swap Signal
Hub TCPM Writes: SRC_FRSWAP.FRSWAP = 1b
FUSB30x will:
Drive SRC = 0b
Issue a PD_RESET
Drive CC to GND with rFRSwapTx
CC < vFRSwapCableTx
debounced for tFRSwapRx?
Y
No
Host FUSB305/6/7
Initially Acting as Sink
Prepare System for FRSwap
Host TCPM Writes:
SNK_FRSWAP.EN_SWAP_DTCT
PWRCTRL.AUTO_DISCH=0b
Source Parameters
rFRSwapTx −> 5 Ohm (max)
Sink Parameters
tFRSwapRx -> 30us (min) to 50 μs(max)
vFRSwapCableTx −> 490mV (min), 520mV (typ), 550mV (max)
FRSWAP drives CC Line
that is transmitting BMC
low with rFRSwapTx for
tFRSwapTx
Sinking VBUS
Discard any pending PD
Messages
tFRSwapTx done?
Y
No
If (!SRC_FRSWAP.MANUAL_SNK_EN)
Wait FRSWAP_SNK_DELAY[1:0]
Start Sinking
If(SRC_FRSWAP.MANUAL_SNK_EN)
Hub TCPM Writes: COMMAND.SinkVbus
Else
{Drive SNK=1b
Set PWRSTAT.SNKVBUS=1}
Set Rp to SinkTxOk
Hub TCPM Writes:
ROLECTRL.RP_VAL = 10b
Drive SNK = 1b
Set PWRSTAT.SNKVBUS = 1
(!SRC_FRSWAP.MANUAL_SNK_EN &&
FRWAP_SNK_DELAY == 00b)?
Y
No
tFRSwapTx −> 60
μs (min) to 120 μs (max)
tSrcFRSwap −> 150
μs (max)
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com