Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 9 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FUSB302BVMPX Datasheet HTML 5Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 6Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 7Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 8Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 9Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 10Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 11Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 12Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
FUSB302B
www.onsemi.com
9
Figure 9. HOST_CUR Changed prior to Attach
CC
HIGH CURRENT SETTING
MED CURRENT SETTING
0 V
ATTACH
DEFAULT CURRENT
The Type-C specification outlines different attach and
detach thresholds for a Type-C host that are based on how
much current is supplied to each CC pin. Based on the
programmed HOST_CUR setting, the software adjusts the
DAC
comparator
threshold
to
match
the
Type-C
specification requirements. The BC_LVL comparators can
also be used as part of the Ra detection flow. This is
summarized in Table 6.
Table 6. HOST INTERRUPT SUMMARY
Termination
HOST_CUR[1:0]
Interrupt Status
Attach/Detach
BC_LVL[1:0]
COMP
COMP Setting
Ra
2’b01
2’b00
NA
NA
NA
2’b10
2’b01
0
6’b00_1010 (0.42 V)
2’b11
2’b10
0
6’b01_0011 (0.8 V)
Rd
2’b01, 2’b10
NA
0
6’b10_0110 (1.6 V)
Attach
NA
1
6’b10_0110 (1.6 V)
Detach
2’b11
NA
0
6’b11_1110 (2.6 V)
Attach
NA
1
6’b11_1110 (2.6 V)
Detach
The high level software flow diagram for a Type-C Host
(SRC) is shown below in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com