Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 23 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FUSB302BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 23Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 24Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 25Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 26Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
FUSB302B
www.onsemi.com
23
Table 25. CONTORL3
(Address: 09h; Reset Value: 0x0000_0110; Type: (see column below))
Bit #
Name
R/W/C
Size (Bits)
Description
7
Reserved
N/A
1
Do Not Use
6
SEND_HARD_RESET
W/C
1
1:
Send a hard reset packet (highest priority)
0:
Don’t send a soft reset packet
5
BIST_TMODE
R/W
1
1:
BIST mode. Receive FIFO is cleared immediately after
sending GoodCRC response
0:
Normal operation, All packets are treated as usual
4
AUTO_HARDRESET
R/W
1
1:
Enable automatic hard reset packet if soft reset fail
0:
Disable automatic hard reset packet if soft reset fail
3
AUTO_SOFTRESET
R/W
1
1:
Enable automatic soft reset packet if retries fail
0:
Disable automatic soft reset packet if retries fail
2:1
N_RETRIES[1:0]
R/W
2
11: Three retries of packet (four total packets sent)
10: Two retries of packet (three total packets sent)
01: One retry of packet (two total packets sent)
00: No retries (similar to disabling auto retry)
0
AUTO_RETRY
R/W
1
1:
Enable automatic packet retries if GoodCRC is not received
0:
Disable automatic packet retries if GoodCRC not received
Table 26. MASK
(Address: 0Ah; Reset Value: 0x0000_0000; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7
M_VBUSOK
R/W
1
1:
Mask I_VBUSOK interrupt bit
0:
Do not mask
6
M_ACTIVITY
R/W
1
1:
Mask interrupt for a transition in CC bus activity
0:
Do not mask
5
M_COMP_CHNG
R/W
1
1:
Mask I_COMP_CHNG interrupt for change is the value of
COMP, the measure comparator
0:
Do not mask
4
M_CRC_CHK
R/W
1
1:
Mask interrupt from CRC_CHK bit
0:
Do not mask
3
M_ALERT
R/W
1
1:
Mask the I_ALERT interrupt bit
0:
Do not mask
2
M_WAKE
R/W
1
1:
Mask the I_WAKE interrupt bit
0:
Do not mask
1
M_COLLISION
R/W
1
1:
Mask the I_COLLISION interrupt bit
0:
Do not mask
0
M_BC_LVL
R/W
1
1:
Mask a change in host requested current level
0:
Do not mask
Table 27. POWER
(Address: 0Bh; Reset Value: 0x0000_0001; Type: Read/Write)
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
Reserved
N/A
4
Do Not Use
3:0
PWR[3:0]
R/W
4
Power enables:
PWR[0]: Bandgap and wake circuit
PWR[1]: Receiver powered and current references for Measure
block
PWR[2]: Measure block powered
PWR[3]: Enable internal oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com