Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 16 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FUSB302BVMPX Datasheet HTML 12Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 13Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 14Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
FUSB302B
www.onsemi.com
16
Table 11. CURRENT CONSUMPTION
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TA = −40 to +1055C (Note 11)
TJ = −40 to +1255C
Unit
Min
Typ
Max
Idisable
Disabled Current
3.0 to 5.5
Nothing Attached,
No I2C Transactions
−
0.37
5
.0
mA
Idisable
Disabled Current
(Note 11)
3.0 to 5.5
Nothing Attached,
No I2C Transactions
−
0.37
8.5
mA
Itog
Unattached (standby)
Toggle Current
3.0 to 5.5
Nothing attached,
TOGGLE = 1,
PWR[3:0] = 1h,
WAKE_EN = 0,
TOG_SAVE_PWR2:1 = 01
−
25
40
mA
Ipd_stby_meas
BMC PD Standby
Current
3.0 to 5.5
Device Attached, BMC PD
Active But Not Sending or
Receiving Anything,
PWR[3:0] = 7h
−
40
−
mA
Table 12. USB PD SPECIFIC PARAMETERS
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 11)
TJ = −40 to +1255C
Unit
Min
Typ
Max
tHardReset
If a Soft Reset message fails, a Hard Reset is sent after tHardReset of
CRCReceiveTimer expiring
−
−
5
ms
tHardReset
Complete
If the FUSB302B cannot send a Hard Reset within tHardResetComplete
time because of a busy line, then a I_HARDFAIL interrupt is triggered
−
−
5
ms
tReceive
This is the value for which the CRCReceiveTimer expires.
The CRCReceiveTimer is started upon the last bit of the EOP of the
transmitted packet
0.9
−
1.1
ms
tRetry
Once the CRCReceiveTimer expires, a retry packet has to be sent out
within tRetry time. This time is hard to separate externally from tReceive
since they both happen sequentially with no visible difference in the CC
output
−
−
75
ms
tSoftReset
If a GoodCRC packet is not received within tReceive for NRETRIES then
a Soft Reset packet is sent within tSoftReset time.
−
−
5
ms
tTransmit
From receiving a packet, we have to send a GoodCRC in response within
tTransmit time. It is measured from the last bit of the EOP of the received
packet to the first bit sent of the preamble of the GoodCRC packet
−
−
195
ms
Table 13. IO SPECIFICATIONS
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +855C
TA = −40 to +1055C (Note 11)
TJ = −40 to +1255C
Unit
Min
Typ
Max
HOST INTERFACE PINS (INT_N)
VOLINTN
Output Low Voltage
3.0 to 5.5
IOL = 4 mA
−
−
0.4
V
TINT_Mask
Time from global interrupt
mask bit cleared to when
INT_N goes LOW
3.0 to 5.5
50
−
−
ms
I2C INTERFACE PINS – STANDARD, FAST, OR FAST MODE PLUS SPEED MODE (SDA, SCL) (Note 6)
VILI2C
Low-Level Input Voltage
3.0 to 5.5
−
−
0.51
V
VIHI2C
High-Level Input Voltage
3.0 to 5.5
1.32
−
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com