Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 3 Page - ON Semiconductor

  FUSB302BVMPX Datasheet HTML 1Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 2Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 3Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 4Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 5Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 6Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 7Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 8Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
FUSB302B
www.onsemi.com
3
TYPICAL APPLICATION
Figure 2. Typical Application
CC 1
CC 2
Logic &
Control
I2C/
Registers
VBUS
INT_N
I2C_SDA
I2C_SCL
GND
USB_3.1 1
USB_3.1 2
GND
GND
RX2+
TX2+
RX2−
TX2−
VBUS
SBU1
CC2
D−
D+
D+
D−
CC1
SBU2
VBUS
TX1−
RX1−
TX1+
RX1+
FUSB340
USB 3.1
2:1 Switch
TYPE−C
FUSB302B
3.0V
REG
GND
VCONN
VDD
VBUS
Processor
OVP
CHARGER
BAT
Dual−Role Detection
Auto Toggle
Switch Matrix
CC Detection / Control
Powered Cable
Audio Adapter / Debug Acc
BMC I/O
DAC Comparator
1.71V to V
BLOCK DIAGRAM
Figure 3. Functional Block Diagram
BMC Physical Layer
VCONN
CC1
FIFO
FIFO
Code/
Control
Logic
CDR
INT_N
SDA
SCL
Processor (Software)
Type−C Connection States
:
− SOURCE
− SINK
− SINK with Accessory
Support
− Dual−Role Port
− Dual−Role Port with
Accessory Support
PD (Provider/Consumer)
CRC32
Tx
CRC32
Rx
4B5B
4B5B
Device Policy Manager
Policy Engine
Protocol
Type−C
PD/
VDM
VBUS
R D
BMC
BMC
FUSB302B
I
2C Reg
Switch
Settings
Comp.
Status
Control
Settings
PD Status
PD
Configuration
FIFO
Access
R D
CC2
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com