Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 19 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 19 Page - ON Semiconductor

Back Button FUSB302BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
FUSB302B
www.onsemi.com
19
Table 16. REGISTER DEFINITIONS (Notes 8 and 9)
Address
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Reg
Value
Type
Register
Name
0x0A
Mask1
R/W
0
M_
VBUSOK
M_
ACTIVITY
M_COMP_
CHNG
M_CRC_C
HK
M_ALERT
M_WAKE
M_
COLLISION
M_BC_LVL
0x0B
Power
R/W
1
PWR3
PWR2
PWR1
PWR0
0x0C
Reset
W/C
0
PD_
RESET
SW_RES
0x0D
OCPreg
R/W
0F
OCP_
RANGE
OCP_
CUR2
OCP_
CUR1
OCP_
CUR0
0x0E
Maska
R/W
0
M_OCP_
TEMP
M_
TOGDONE
M_SOFT
FAIL
M_RETRY
FAIL
M_HARD
SENT
M_
TXSENT
M_
SOFTRST
M_
HARDRST
0x0F
Maskb
R/W
0
M_
GCRCSEN
T
0x10
Control4
R/W
0
TOG_
EXIT_AUD
0x3C
Status0a
R
0
SOFTFAIL
RETRY
FAIL
POWER3
POWER2
SOFTRST
HARDRST
0x3D
Status1a
R
0
TOGSS3
TOGSS2
TOGSS1
RXSOP
2DB
RXSOP
1DB
RXSOP
0x3E
Interrupta
R/C
0
I_OCP_
TEMP
I_
TOGDONE
I_
SOFTFAIL
I_RETRY
FAIL
I_HARD
SENT
I_TXSENT
I_SOFT
RST
I_HARD
RST
0x3F
Interruptb
R/C
0
I_GCRCS
ENT
0x40
Status0
R
0
VBUSOK
ACTIVITY
COMP
CRC_CHK
ALERT
WAKE
BC_LVL1
BC_LVL0
0x41
Status1
R
28
RXSOP2
RXSOP1
RX_
EMPTY
RX_FULL
TX_
EMPTY
TX_FULL
OVRTEMP
OCP
0x42
Interrupt
R/C
0
I_VBUSOK
I_
ACTIVITY
I_COMP_
CHNG
I_CRC_
CHK
I_ALERT
I_WAKE
I_
COLLISION
I_BC_LVL
0x43
FIFOs
R/W
(Note
10)
0
Write to TX FIFO or read from RX FIFO repeatedly without address auto increment
Type C Bits
USB PD Bits
General Bits
8. Do not use registers that are blank.
9. Values read from undefined register bits are not defined and invalid
. Do not write to undefined registers.
10. FIFO register is serially read/written without auto address increment.
11. Automotive Part Only; FUSB302BVMPX
Table 17. DEVICE ID
(Address: 01h; Reset Value: 0x1001_XXXX; Type: Read)
Bit #
Name
R/W/C
Size (Bits)
Description
7:4
Version ID
R
4
Device version ID by Trim or etc.
A_[Revision ID]: 1000 (e.g. A_revA)
B_[Revision ID]: 1001
C_[Revision ID]: 1010 etc
3:2
Product ID
R
2
“01”, “10” and “11” applies to MLP only:
00: FUSB302BMPX/FUSB302BVMPX(Default) & FUSB302BUCX
01: FUSB302B01MPX
10: FUSB302B10MPX
11: FUSB302B11MPX
1:0
Revision ID
R
2
Revision History of each version
[Version ID]_revA: 00(e.g. revA)
[Version ID]_revB: 01 (e.g. revB)
[Version ID]_revC: 10 (e.g. revC)
[Version ID]_revC: 11 (e.g. revD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com