Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 25 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 25 Page - ON Semiconductor

Back Button FUSB302BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 23Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 24Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 25Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 26Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 27Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 28Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
FUSB302B
www.onsemi.com
25
Table 33. STATUS0A
(Address: 3Ch; Reset Value: 0x0000_0000; Type: Read)
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
Reserved
N/A
2
Do Not Use
5
SOFTFAIL
R
1
1:
All soft reset packets with retries have failed to get
a GoodCRC acknowledge. This status is cleared when
a START_TX, TXON or SEND_HARD_RESET is executed
4
RETRYFAIL
R
1
1:
All packet retries have failed to get a GoodCRC acknowledge.
This status is cleared when a START_TX, TXON or
SEND_HARD_RESET is executed
3:2
POWER3:POWER2
R
2
Internal power state when logic internals needs to control the
power state. POWER3 corresponds to PWR3 bit and POWER2
corresponds to PWR2 bit. The power state is the higher of both
PWR[3:0] and {POWER3, POWER2, PWR[1:0]} so that if one is
03 and the other is F then the internal power state is F
1
SOFTRST
R
1
1:
One of the packets received was a soft reset packet
0
HARDRST
R
1
1:
Hard Reset PD ordered set has been received
Table 34. STATUS1A
(Address: 3Dh; Reset Value: 0x0000_0000; Type: Read)
Bit #
Name
R/W/C
Size (Bits)
Description
7:6
Reserved
N/A
2
Do Not Use
5:3
TOGSS3,
TOGSS2,
TOGSS1
R
3
000: Toggle logic running (processor has previously written
TOGGLE=1)
001: Toggle functionality has settled to SRCon CC1
(STOP_SRC1 state)
010: Toggle functionality has settled to SRCon CC2
(STOP_SRC2 state)
101: Toggle functionality has settled to SNKon CC1
(STOP_SNK1 state)
110: Toggle functionality has settled to SNKon CC2
(STOP_SNK2 state)
111: Toggle functionality has detected AudioAccessory with vRa
on both CC1 and CC2 (settles to STOP_SRC1 state)
Otherwise: Not defined (do not interpret)
2
RXSOP2DB
R
1
1: Indicates the last packet placed in the RxFIFO is type
SOP”_DEBUG (SOP double prime debug)
1
RXSOP1DB
R
1
1: Indicates the last packet placed in the RxFIFO is type
SOP’_DEBUG (SOP prime debug)
0
RXSOP
R
1
1: Indicates the last packet placed in the RxFIFO is type SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com