Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB302BVMPX Datasheet(PDF) 14 Page - ON Semiconductor

Part # FUSB302BVMPX
Description  Programmable USB Type?륝 Controller w/PD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302BVMPX Datasheet(HTML) 14 Page - ON Semiconductor

Back Button FUSB302BVMPX Datasheet HTML 10Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 11Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 12Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 13Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 14Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB302BVMPX Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
FUSB302B
www.onsemi.com
14
DC AND TRANSIENT CHARACTERISTICS
All typical values are at TA =25
°C unless otherwise specified.
Table 9. BASEBAND PD
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 11)
TJ = −40 to +1255C
Unit
Min
Typ
Max
UI
Unit Interval
3.03
−
3.70
ms
TRANSMITTER
zDriver
Transmitter Output Impedance
33
−
75
W
tEndDriveBMC
Time to Cease Driving the Line after the end of the last bit of the Frame
−
−
23
ms
tHoldLowBMC
Time to Cease Driving the Line after the final High-to-Low Transition
1
−
−
ms
VOH
Logic High Voltage
1.05
−
1.2
0
V
VOL
Logic Low Voltage
0
−
75
mV
tStartDrive
Time before the start of the first bit of the preamble when the transmitter
shall start driving the line
−1
−
1
ms
tRISE_TX
Rise Time
300
−
−
ns
tFALL_TX
Fall Time
300
−
−
ns
RECEIVER
cReceiver
Receiver Capacitance when Driver isn’t Turned On
−
50
−
pF
zBmcRx
Receiver Input Impedance
1
−
−
M
W
tRxFilter
Rx Bandwidth Limiting Filter (Note 4)
100
−
−
ns
4. Guaranteed by Characterization and/or Design. Not production tested.
Figure 16. Transmitter Test Load
Cable
Connector
Connector
Switch
DRP
Switch
DRP
cCablePlug
cCablePlug
Receiver
Vconn
Vconn
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com