Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9523BCPZ Datasheet HTML 1Page - Analog Devices AD9523BCPZ Datasheet HTML 2Page - Analog Devices AD9523BCPZ Datasheet HTML 3Page - Analog Devices AD9523BCPZ Datasheet HTML 4Page - Analog Devices AD9523BCPZ Datasheet HTML 5Page - Analog Devices AD9523BCPZ Datasheet HTML 6Page - Analog Devices AD9523BCPZ Datasheet HTML 7Page - Analog Devices AD9523BCPZ Datasheet HTML 8Page - Analog Devices AD9523BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 4 of 60
SPECIFICATIONS
fVCXO = 122.88 MHz single ended, REFA and REFB on differential at 30.72 MHz, fVCO = 3932.16 MHz, doubler is off, channel control low
power mode off, divider phase = 1, unless otherwise noted. Typical is given for VDD = 3.3 V ± 5% and TA = 25°C, unless otherwise noted.
Minimum and maximum values are given over the full VDD and TA (−40°C to +85°C) variation, as listed in Table 1.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDD3_PLL1, Supply Voltage for PLL1
3.3
V
3.3 V ± 5%
VDD3_PLL2, Supply Voltage for PLL2
3.3
V
3.3 V ± 5%
VDD3_REF, Supply Voltage Clock Output Drivers Reference
3.3
V
3.3 V ± 5%
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
3.3
V
3.3 V ± 5%
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers
1.8
V
1.8 V ± 5%
TEMPERATURE
Ambient Temperature Range, TA
−40
+25
+85
°C
Junction Temperature, TJ
115
°C
1 x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 68 and Pin 67,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 65 and Pin 64, respectively).
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES OTHER THAN CLOCK OUTPUT DRIVERS
VDD3_PLL1, Supply Voltage for PLL1
37
43
mA
Decreases by 9 mA typical if REFB is turned off
VDD3_PLL2, Supply Voltage for PLL2
67
77.7
mA
VDD3_REF, Supply Voltage Clock Output Drivers Reference
LVPECL Mode
5
6
mA
Only one output driver turned on; for each
additional output that is turned on, the
current increments by 1.2 mA maximum
LVDS Mode
4
4.8
mA
Only one output driver turned on; for each
additional output that is turned on, the
current increments by 1.2 mA maximum
HSTL Mode
3
3.6
mA
Values are independent of the number of
outputs turned on
CMOS Mode
3
3.6
mA
Values are independent of the number of
outputs turned on
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers2
3.5
4.2
mA
Current for each divider: f = 245.76 MHz
CLOCK OUTPUT DRIVERS
LVDS Mode, 7 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
16
17.4
mA
f = 61.44 MHz
LVDS Mode, 3.5 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
5
6.2
mA
f = 245.76 MHz
LVPECL Mode
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
17
18.9
mA
f = 122.88 MHz
HSTL Mode, 16 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
21
24.0
mA
f = 122.88 MHz
HSTL Mode, 8 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
14
16.3
mA
f = 122.88 MHz
CMOS Mode (Single-Ended)
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
2
2.4
mA
f = 15.36 MHz, 10 pF load
1 x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 68 and Pin 67,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 65 and Pin 64, respectively).
2 The current for Pin 63 (VDD1_OUT[0:3]) is 2× that of the other VDD11.8_OUT[x:y] pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com