Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 40Page - Analog Devices AD9523BCPZ Datasheet HTML 41Page - Analog Devices AD9523BCPZ Datasheet HTML 42Page - Analog Devices AD9523BCPZ Datasheet HTML 43Page - Analog Devices AD9523BCPZ Datasheet HTML 44Page - Analog Devices AD9523BCPZ Datasheet HTML 45Page - Analog Devices AD9523BCPZ Datasheet HTML 46Page - Analog Devices AD9523BCPZ Datasheet HTML 47Page - Analog Devices AD9523BCPZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 44 of 60
Addr
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
0x01D
PLL1 loop
filter zero
resistor control
Reserved
Reserved
Reserved
Reserved
PLL1 loop filter, RZERO
0x00
0x01E
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x00
Output PLL (PLL2)
0x0F0
PLL2 charge
pump control
PLL2 charge pump control
0x00
0x0F1
PLL2
feedback
N divider
control
A counter
B counter
0x04
0x0F2
PLL2 control
PLL2 lock
detector
power-
down
Reserved
Enable
frequency
doubler
Enable SPI
control of
antibacklash
pulse width
Antibacklash
pulse width control
PLL2 charge pump mode
0x03
0x0F3
VCO control
Reserved
Reserved
Reserved
Force release
of distribution
sync when
PLL2 is
unlocked
Treat
reference
as valid
Force
VCO to
midpoint
frequency
Calibrate VCO
(not auto-
clearing)
Reserved
0x00
0x0F4
VCO divider
control
Reserved
Reserved
Reserved
Reserved
VCO
divider
power-
down
VCO divider
0x00
0x0F5
PLL2 loop
filter control
Pole 2 resistor (RPOLE2)
Zero resistor (RZERO)
Pole 1 capacitor (CPOLE1)
0x00
0x0F6
(9 bits)
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Bypass internal
RZERO resistor
0x00
0x0F9
to
0x0FE
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
0x00
Clock Distribution
0x190
Channel 0
control
Invert
divider
output
Ignore
sync
Power-
down
channel
Lower power
mode
Driver mode
0x00
0x191
10-bit channel divider[7:0] (LSB)
0x1F
0x192
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x193
Channel 1
control
Invert
divider
output
Ignore
sync
Power-
down
channel
Lower power
mode
Driver mode
0x20
0x194
10-bit channel divider[7:0] (LSB)
0x1F
0x195
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x196
Channel 2
control
Invert
divider
output
Ignore
sync
Power-
down
channel
Lower power
mode
Driver mode
0x00
0x197
10-bit channel divider[7:0] (LSB)
0x1F
0x198
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x199
Channel 3
control
Invert
divider
output
Ignore
sync
Power-
down
channel
Lower power
mode
Driver mode
0x20
0x19A
10-bit channel divider[7:0] (LSB)
0x1F
0x19B
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04
0x19C
Channel 4
control
Invert
divider
output
Ignore
sync
Power-
down
channel
Lower power
mode
Driver mode
0x00
0x19D
10-bit channel divider[7:0] (LSB)
0x1F
0x19E
Divider phase[5:0]
10-bit channel divider[9:8] (MSB)
0x04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com