Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 15Page - Analog Devices AD9523BCPZ Datasheet HTML 16Page - Analog Devices AD9523BCPZ Datasheet HTML 17Page - Analog Devices AD9523BCPZ Datasheet HTML 18Page - Analog Devices AD9523BCPZ Datasheet HTML 19Page - Analog Devices AD9523BCPZ Datasheet HTML 20Page - Analog Devices AD9523BCPZ Datasheet HTML 21Page - Analog Devices AD9523BCPZ Datasheet HTML 22Page - Analog Devices AD9523BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 19 of 60
THEORY OF OPERATION
DETAILED BLOCK DIAGRAM
CHARGE
PUMP
×2
÷D1
VCXO
SWITCH-
OVER
CONTROL
÷M1
3.6GHz
TO
4.0GHz
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
STATUS MONITOR
LOCK DETECT/
SERIAL PORT
ADDRESS
CONTROL
INTERFACE
(SPI AND I 2C)
SCLK/SCL
SDO
SDIO/SDA
÷N2
PLL2
LDO_PLL2
LOOP
FILTER
TO SYNC
LOOP
FILTER
CHARGE
PUMP
PLL1
LOCK
DETECT
LOCK
DETECT
P
F
D
ZD_IN
ZD_IN
PD
RESET
SYNC
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
÷D
Δt
EDGE
SYNC
SIGNAL
PLL1_OUT
VDD1.8_OUT[x:y]
REFA
REFA
REFB
REFB
AD9523
REF_SEL
STATUS0/
SP0
STATUS1/
SP1
EEPROM
EEPROM_SEL
LF2_EXT_CA P
LF1_EXT_CA P
REF_TEST
OSC_CTRL
OSC_IN
CS
÷R
÷R
÷N1
LDO_PLL1
LDO_VCO
VDD3_OUT[x:y]
VDD3_PLL1
VDD3_PLL2
NC
VCO
P
F
D
÷R
Figure 22. Top Level Diagram
OVERVIEW
The AD9523 is a clock generator that employs integer-N-based
phase-locked loops (PLL). The device architecture consists of two
cascaded PLL stages. The first stage, PLL1, consists of an integer
division PLL that uses an external voltage-controlled crystal
oscillator (VCXO) of up to 250 MHz. PLL1 has a narrow-loop
bandwidth that provides initial jitter cleanup of the input reference
signal. The second stage, PLL2, is a frequency multiplying PLL
that translates the first stage output frequency to a range of 3.6 GHz
to 4.0 GHz. PLL2 incorporates an integer-based feedback divider
that enables integer frequency multiplication. Programmable
integer dividers (1 to 1024) follow PLL2, establishing a final
output frequency of 1 GHz or less.
The AD9523 includes reference signal processing blocks that
enable a smooth switching transition between two reference
inputs. This circuitry automatically detects the presence of the
reference input signals. If only one input is present, the device
uses it as the active reference. If both are present, one becomes
the active reference and the other becomes the backup reference.
If the active reference fails, the circuitry automatically switches
to the backup reference (if available), making it the new active
reference. A register setting determines what action to take if
the failed reference is once again available: either stay on
Reference B or revert to Reference A. If neither reference can
be used, the AD9523 supports a holdover mode. A reference
select pin (REF_SEL, Pin 16) is available to manually select
which input reference is active (see Table 43). The accuracy of
the holdover is dependent on the external VCXO frequency
stability at half supply voltage.
Any of the divider settings are programmable via the serial
programming port, enabling a wide range of input/output
frequency ratios under program control. The dividers also
include a programmable delay to adjust the timing of the output
signals, if required.
The 14 outputs are compatible with LVPECL, LVDS, HSTL, and
1.8 V CMOS logic levels (see the Input/Output Termination
Recommendations section). All differential output logic settings
require a single 100 Ω differential termination.
The loop filters of each PLL are integrated and programmable.
Only a single external capacitor for each of the two PLL loop
filters is required.
The AD9523 operates over the extended industrial temperature
range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com