Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9523BCPZ Datasheet HTML 1Page - Analog Devices AD9523BCPZ Datasheet HTML 2Page - Analog Devices AD9523BCPZ Datasheet HTML 3Page - Analog Devices AD9523BCPZ Datasheet HTML 4Page - Analog Devices AD9523BCPZ Datasheet HTML 5Page - Analog Devices AD9523BCPZ Datasheet HTML 6Page - Analog Devices AD9523BCPZ Datasheet HTML 7Page - Analog Devices AD9523BCPZ Datasheet HTML 8Page - Analog Devices AD9523BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Jitter Cleaner and Clock Generator with
14 Differential or 29 LVCMOS Outputs
Data Sheet
AD9523
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output frequency: <1 MHz to 1 GHz
Start-up frequency accuracy: <±100 ppm (determined by
VCXO reference accuracy)
Zero delay operation
Input-to-output edge timing: <150 ps
14 outputs: configurable LVPECL, LVDS, HSTL, and LVCMOS
14 dedicated output dividers with jitter-free adjustable delay
Adjustable delay: 63 resolution steps of ½ period of VCO
output divider
Output-to-output skew: <50 ps
Duty cycle correction for odd divider settings
Automatic synchronization of all outputs on power-up
Absolute output jitter: <200 fs at 122.88 MHz
Integration range: 12 kHz to 20 MHz
Distribution phase noise floor: −160 dBc/Hz
Digital lock detect
Nonvolatile EEPROM stores configuration settings
SPI- and I²C-compatible serial control port
Dual PLL architecture
PLL1
Low bandwidth for reference input clock cleanup with
external VCXO
Phase detector rate up to130 MHz
Redundant reference inputs
Automatic and manual reference switchover modes
Revertive and nonrevertive switching
Loss of reference detection with holdover mode
Low noise LVCMOS output from VCXO used for RF/IF
synthesizers
PLL2
Phase detector rate up to 259 MHz
Integrated low noise VCO
APPLICATIONS
LTE and multicarrier GSM base stations
Wireless and broadband infrastructure
Medical instrumentation
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
Low jitter, low phase noise clock distribution
Clock generation and translation for SONET, 10Ge, 10G FC,
and other 10 Gbps protocols
Forward error correction (G.710)
High performance wireless transceivers
ATE and high performance instrumentation
FUNCTIONAL BLOCK DIAGRAM
PLL1
REFA,
REFA
OUT0,
OUT0
OUT1,
OUT1
OUT12,
OUT12
OUT13,
OUT13
REFB,
REFB
REF_TEST
SCLK/SCL
SDIO/SDA
SDO
ZD_IN, ZD_IN
CONTROL
INTERFACE
(SPI AND I2C)
EEPROM
PLL2
ZERO
DELAY
AD9523
14-CLOCK
DISTRIBUTION
OSC_IN, OSC_IN
Figure 1.
GENERAL DESCRIPTION
The AD9523 provides a low power, multi-output, clock distribution
function with low jitter performance, along with an on-chip PLL
and VCO. The on-chip VCO tunes from 3.6 GHz to 4.0 GHz.
The AD9523 is designed to support the clock requirements for long
term evolution (LTE) and multicarrier GSM base station designs.
It relies on an external VCXO to provide the reference jitter cleanup
to achieve the restrictive low phase noise requirements necessary
for acceptable data converter SNR performance.
The input receivers, oscillator, and zero delay receiver provide
both single-ended and differential operation. When connected
to a recovered system reference clock and a VCXO, the device
generates 14 low noise outputs with a range of 1 MHz to 1 GHz,
and one dedicated buffered output from the input PLL (PLL1).
The frequency and phase of one clock output relative to another
clock output can be varied by means of a divider phase select
function that serves as a jitter-free coarse timing adjustment in
increments that are equal to half the period of the signal coming
out of the VCO.
An in-package EEPROM can be programmed through the serial
interface to store user-defined register settings for power-up and
chip reset.


Similar Part No. - AD9523BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523BCPZ AD-AD9523BCPZ Datasheet
879Kb / 60P
Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
More results

Similar Description - AD9523BCPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9524 AD-AD9524 Datasheet
863Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com