Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 35Page - Analog Devices AD9523BCPZ Datasheet HTML 36Page - Analog Devices AD9523BCPZ Datasheet HTML 37Page - Analog Devices AD9523BCPZ Datasheet HTML 38Page - Analog Devices AD9523BCPZ Datasheet HTML 39Page - Analog Devices AD9523BCPZ Datasheet HTML 40Page - Analog Devices AD9523BCPZ Datasheet HTML 41Page - Analog Devices AD9523BCPZ Datasheet HTML 42Page - Analog Devices AD9523BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 39 of 60
START TIMEOUT CLOCK:
TIME = 0
CAL_COUNT = 0
R0x22C[1] = 1
TIMEOUT CLOCK:
TIME > 100ns
TIMEOUT CLOCK:
TIME >PLL2_TO1
CAL_COUNT > 1
ISSUE A PIN LEVEL
RESET OR SOFT RESET
NO
YES
NO
YES
NO
YES
RST_COUNT =
RST_COUNT + 1
APPLY VDD
(ALL DOMAINS)
START
VDD SETTLED?
APPLY REFERENCE
INPUT(S)
SUBPROCESS:
WRITE REGISTERS
FROM
SETUP FILE
POR: WAIT 60ms
CAL_COUNT =
CAL_COUNT + 1
RST_COUNT >0
RAISE FLAG FOR
DEBUGGING.
READ:
R0x22C TO R0x22D
START TIMEOUT CLOCK:
TIME = 0
R0x22C[0] = 1
NO
YES
NO
YES
END
RST_COUNT = 0
YES
NO
NO
YES
PLL1 LOCK
DETECT POLLING
LOOP
PLL2 LOCK
DETECT POLLING
LOOP
PLL2 RECALIBRATION LOOP
CHIP LEVEL RESET LOOP
USER POWER
SUPPLIES
INITIALIZATION AND
POWER-ON RESET
WAIT
1PLL2_TO IS A CALCULATED TIMEOUT VALUE. SEE THE THEORY OF OPERATION, COMPONENT BLOCKS—INPUT PLL (PLL1) FOR ITS FORMULA.
WRITE:
R0x234 = 0x01
WRITE:
R0x0F3[1] = 1
WRITE:
R0x234 = 0x01
ISSUE VCO
CALIBRATION
COMMAND
WRITE:
R0x0F3[1] = 0
Figure 44. AD9523 Device Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com