Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 9Page - Analog Devices AD9523BCPZ Datasheet HTML 10Page - Analog Devices AD9523BCPZ Datasheet HTML 11Page - Analog Devices AD9523BCPZ Datasheet HTML 12Page - Analog Devices AD9523BCPZ Datasheet HTML 13Page - Analog Devices AD9523BCPZ Datasheet HTML 14Page - Analog Devices AD9523BCPZ Datasheet HTML 15Page - Analog Devices AD9523BCPZ Datasheet HTML 16Page - Analog Devices AD9523BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 13 of 60
Pin
No.
Mnemonic
Type1
Description
12
LDO_PLL2
P/O
LDO Decoupling Pin for PLL2 1.8 V Internal Regulator. Connect a 0.47 µF decoupling capacitor from
this pin to ground. Note that for best performance, the LDO bypass capacitor must be placed in close
proximity to the device.
13
VDD3_PLL2
P
3.3 V Supply for PLL2.
14
LDO_VCO
P/O
2.5 V LDO Internal Regulator Decoupling Pin for VCO. Connect a 0.47 µF decoupling capacitor from
this pin to ground. Note that, for best performance, the LDO bypass capacitor must be placed in
close proximity to the device.
15
PD
I
Chip Power-Down, Active Low. This pin has an internal 40 kΩ pull-up resistor.
16
REF_SEL
I
Reference Input Select. This pin has an internal 40 kΩ pull-down resistor.
17
SYNC
I
Manual Synchronization. This pin initiates a manual synchronization and has an internal 40 kΩ pull-up
resistor.
18
VDD3_REF
P
3.3 V Supply for Output Clock Drivers Reference.
19
RESET
I
Digital Input, Active Low. Resets internal logic to default states. This pin has an internal 40 kΩ pull-up
resistor.
20
CS
I
Serial Control Port Chip Select, Active Low. This pin has an internal 40 kΩ pull-up resistor.
21
SCLK/SCL
I
Serial Control Port Clock Signal for SPI Mode (SCLK) or I2C Mode (SCL). Data clock for serial program-
ming. This pin has an internal 40 kΩ pull-down resistor in SPI mode but is high impedance in I²C mode.
22
SDIO/SDA
I/O
Serial Control Port Bidirectional Serial Data In/Data Out for SPI Mode (SDIO) or I²C Mode (SDA).
23
SDO
O
Serial Data Output. Use this pin to read data in 4-wire mode (high impedance in 3-wire mode). There
is no internal pull-up/pull-down resistor on this pin.
24
REF_TEST
I
Test Input to PLL1 Phase Detector.
25
OUT13
O
Complementary Square Wave Clocking Output 13. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
26
OUT13
O
Square Wave Clocking Output 13. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
27
VDD3_OUT[12:13]
P
3.3 V Supply for Output 12 and Output 13 Clock Drivers.
28
OUT12
O
Complementary Square Wave Clocking Output 12. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
29
OUT12
O
Square Wave Clocking Output 12. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
30
VDD1.8_OUT[12:13]
P
1.8 V Supply for Output 12 and Output 13 Clock Dividers.
31
OUT11
O
Complementary Square Wave Clocking Output 11. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
32
OUT11
O
Square Wave Clocking Output 11. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
33
VDD3_OUT[10:11]
P
3.3 V Supply for Output 10 and Output 11 Clock Drivers.
34
OUT10
O
Complementary Square Wave Clocking Output 10. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
35
OUT10
O
Square Wave Clocking Output 10. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
36
VDD1.8_OUT[10:11]
P
1.8 V Supply for Output 10 and Output 11 Clock Dividers.
37
OUT9
O
Complementary Square Wave Clocking Output 9. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
38
OUT9
O
Square Wave Clocking Output 9. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
39
VDD3_OUT[8:9]
P
3.3 V Supply for Output 8 and Output 9 Clock Drivers.
40
OUT8
O
Complementary Square Wave Clocking Output 8. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
41
OUT8
O
Square Wave Clocking Output 8. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
42
VDD1.8_OUT[8:9]
P
1.8 V Supply for Output 8 and Output 9 Clock Dividers.
43
OUT7
O
Complementary Square Wave Clocking Output 7. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
44
OUT7
O
Square Wave Clocking Output 7. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
45
VDD3_OUT[6:7]
P
3.3 V Supply for Output 6 and Supply Output 7 Clock Drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com