Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9523BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 52Page - Analog Devices AD9523BCPZ Datasheet HTML 53Page - Analog Devices AD9523BCPZ Datasheet HTML 54Page - Analog Devices AD9523BCPZ Datasheet HTML 55Page - Analog Devices AD9523BCPZ Datasheet HTML 56Page - Analog Devices AD9523BCPZ Datasheet HTML 57Page - Analog Devices AD9523BCPZ Datasheet HTML 58Page - Analog Devices AD9523BCPZ Datasheet HTML 59Page - Analog Devices AD9523BCPZ Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 58 of 60
Address
Bits
Bit Name
Description
0x232
[7:5]
Reserved
Reserved.
4
Enable STATUS_EEPROM
on STATUS0 pin
Enables the EEPROM status on the STATUS0 pin.
1: enable status.
3
STATUS1 pin divider
enable
Enables a divide-by-4 on the STATUS1 pin, allowing dynamic signals to be viewed at a lower
frequency (such as the PFD input clocks). Not to be used with dc states on the status pins,
which occur when the settings of Register 0x231[5:0] are in the range of 000000 to 001111.
1: enabled.
0: disabled.
2
STATUS0 pin divider
enable
Enables a divide-by-4 on the STATUS0 pin, allowing dynamic signals to be viewed at a lower
frequency (such as the PFD input clocks). Not to be used with dc states on the status pins,
which occur when the settings of Register 0x230[5:0] are in the range of 000000 to 001111.
1: enable.
0: disable.
1
Reserved
Reserved.
0
Sync dividers
(manual control)
Set bit to put dividers in sync; clear bit to release. Functions like SYNC pin low.
1: sync.
0: normal.
Table 56. Power-Down Control
Address
Bits
Bit Name
Description
0x233
[7:3]
Reserved
Reserved.
2
PLL1 power-down
1: power-down (default).
0: normal operation.
1
PLL2 power-down
1: power-down (default).
0: normal operation.
0
Distribution power-
down
Powers down the distribution.
1: power-down (default).
0: normal operation.
Table 57. Update All Registers
Address
Bits
Bit Name
Description
0x234
[7:1]
Reserved
Reserved.
0
IO_UPDATE
This bit must be set to 1 to transfer the contents of the buffer registers into the active registers,
which happens on the next SCLK rising edge. This bit is self-clearing; that is, it does not have
to be set back to 0.
1 (self-clearing): update all active registers to the contents of the buffer registers.
EEPROM Buffer (Address 0xA00 to Address 0xA16)
Table 58. EEPROM Buffer Segment
Address
Bits
Bit Name
Description
0xA00
to
0xA16
[7:0]
EEPROM Buffer
Segment Register 1 to
EEPROM Buffer
Segment Register 23
The EEPROM buffer segment section stores the starting address and number of bytes that are
to be stored and read back to and from the EEPROM. Because the register space is noncontiguous,
the EEPROM controller needs to know the starting address and number of bytes in the register
space to store and retrieve from the EEPROM. In addition, there are special instructions for the
EEPROM controller: operational codes (that is, IO_UPDATE and end-of-data) that are also stored in
the EEPROM buffer segment. The on-chip default setting of the EEPROM buffer segment
registers is designed such that all registers are transferred to/from the EEPROM, and an IO_UPDATE
is issued after the transfer (see the Programming the EEPROM Buffer Segment section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com