Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 3 Page - OKI electronic componets

  ML2201 Datasheet HTML 1Page - OKI electronic componets ML2201 Datasheet HTML 2Page - OKI electronic componets ML2201 Datasheet HTML 3Page - OKI electronic componets ML2201 Datasheet HTML 4Page - OKI electronic componets ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
3/20
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
1
ST
I
The playback trigger pin.
The number of pulses input to the
PI pin, while this pin is held “L”,
determines the Phrase Address for playback. At the
ST’s rising edge, the
phrase address data is loaded into the LSI and playback starts. When no
pulse input to
PI occurs while this pin is held “L”, the LSI recognizes it as the
“Stop Code” that results in stopping playback.
2
PI
I
The address input pin.
The number of pulses input to this pin, while the
ST pin is held “L”,
determines the Phrase Address for playback.
When 32 pulses are input, the internal counter returns to its initial value, “0”.
3
GND
—
The ground pin.
4AOUT
O
The analog output pin.
Configured as N-MOS open drain, analog signal is output in the form of
change in output (attraction) current. While the
PDWN pin being held “H”,
this pin is sustained at 1/2 level and thus the current keeps on flowing.
When shifting to standby state and shifting back to ready state from
standby, the pop-noise canceller is put to work.
5V
DD
—
The power supply pin.
Insert a 0.1
µF bypass capacitor between this pin and the GND pin.
6XT
I
The external clock input pin.
The ceramic resonator connection pin for ceramic oscillation option under
development.
7
XT
O
Keep this pin open.
The LSI’s operations may become unstable if this pin includes any
capacitive component.
The ceramic resonator connection pin for ceramic oscillation option under
development.
8
PDWN
I
The power down pin.
The LSI stays standby state while the pin being held “L”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com