Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 5 Page - OKI electronic componets

  ML2201 Datasheet HTML 1Page - OKI electronic componets ML2201 Datasheet HTML 2Page - OKI electronic componets ML2201 Datasheet HTML 3Page - OKI electronic componets ML2201 Datasheet HTML 4Page - OKI electronic componets ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
5/20
ELECTRICAL CHARACTERISTICS
DC Characteristics
V
DD = 2.0 to 5.5 V, GND = 0 V, fEXTCLK = 4.096 MHz, Ta = –40 to +85°C (unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
F
EXTCLK > 14.5 MHz
V
DD = 3.0 to 5.5 V
V
DD
× 0.85
——
V
f
EXTCLK ≤ 14.5 MHz
V
DD = 2.7 to 5.5 V
V
DD
× 0.8
——
V
f
EXTCLK ≤ 13.5 MHz
V
DD = 2.6 to 2.7 V
V
DD
× 0.85
——
V
“H” Input Voltage
VIH
f
EXTCLK ≤ 4.5 MHz
V
DD = 2.0 to 5.5 V
V
DD
× 0.8
——
V
F
EXTCLK > 14.5 MHz
V
DD = 3.0 to 5.5 V
——
V
DD
× 0.15
V
f
EXTCLK ≤ 14.5 MHz
V
DD = 2.7 to 5.5 V
——
V
DD
× 0.2
V
f
EXTCLK ≤ 13.5 MHz
V
DD = 2.6 to 2.7 V
——
V
DD
× 0.15
V
“L” Input Voltage
VIL
f
EXTCLK ≤ 4.5 MHz
V
DD = 2.0 to 5.5 V
——
V
DD
× 0.2
V
“H” Input Current
IIH
V
IH = VDD
——
10
µA
“L” Input Current
IIL
V
IL = GND
–10
—
—
µA
V
DD = 5.5 V
f
EXTCLK = 4.096 MHz
—1.7
3.9
mA
V
DD = 3.0 V
f
EXTCLK = 4.096 MHz
—0.9
2.1
mA
V
DD = 2.0 V
f
EXTCLK = 4.096 MHz
—0.5
1.4
mA
V
DD = 5.5 V
f
EXTCLK = 16 MHz
—
4.6
12.0
mA
Supply Current
IDD
Except AOUT
output current
V
DD = 3.0 V
f
EXTCLK = 16 MHz
—1.8
6.5
mA
Ta = –40 to +70°C—
—
10
µA
Standby Current
I
DS
Ta = –40 to +85°C
—
—
50
µA
V
DD = 2.0 to 5.5 V
0.5
—
10.0
mA
V
DD = 5.5 V
4.3
6.8
10.0
mA
V
DD = 3.0 V
1.4
2.7
3.9
mA
AOUT Output Current
I
AOUT
At max.
output current
V
DD = 2.0 V
0.5
1.2
2.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com