Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 2 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 2 Page - OKI electronic componets

  ML2201 Datasheet HTML 1Page - OKI electronic componets ML2201 Datasheet HTML 2Page - OKI electronic componets ML2201 Datasheet HTML 3Page - OKI electronic componets ML2201 Datasheet HTML 4Page - OKI electronic componets ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
2/20
PIN LAYOUT (TOP VIEW)
GND
AOUT
XT
V
DD
1
2
3
4
8
7
6
5
PDWN
XT
ST
PI
8-Pin Plastic SSOP
BLOCK DIAGRAM
AOUT
GND
V
DD
PDWN
384 Kbit ROM
10 bit DAC
LPF
XT
16 bit Address
controller
XT
ST
PI
OSC
Circuit
10
Timing
Controller
Serial
Interface
8
8
PCM data Area
378 Kbit
Edit ROM 2 Kbit
(Phrase Control Table)
Address ROM 2 Kbit
(Phrase Address Table)
Test ROM 2 Kbit
8
5
Reset, Power Down
16
PCM
Synthesizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com