Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 4 Page - OKI electronic componets

  ML2201 Datasheet HTML 1Page - OKI electronic componets ML2201 Datasheet HTML 2Page - OKI electronic componets ML2201 Datasheet HTML 3Page - OKI electronic componets ML2201 Datasheet HTML 4Page - OKI electronic componets ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
4/20
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
V
DD
–0.3 to +7.0
V
Input Voltage
V
IN
Ta = 25°C
–0.3 to V
DD +0.3
V
Storage Temperature
T
STG
—
–55 to +150
°C
Power Drain Allowance
Pd
Ta = 25°C
250
mW
RECOMMENDED OPERATING CONDITIONS
(GND = 0 V)
Parameter
Symbol
Condition
Range
Unit
f
EXTCLK = 3.5 to 4.5 MHz
+2.0 to +5.5
V
f
EXTCLK = 3.5 to 13.5 MHz
+2.6 to +5.5
V
Power Supply Voltage
V
DD
f
EXTCLK = 3.5 to 17.0 MHz
+3.0 to +5.5
V
Min.
Typ.
Max.
MHz
V
DD = 2.0 to 5.5 V
3.5
4.096
4.5
V
DD = 2.6 to 5.5 V
3.5
—
13.5
V
DD = 2.7 to 5.5 V
3.5
—
14.5
External Clock Frequency
f
EXTCLK
V
DD = 3.0 to 5.5 V
3.5
—
17.0
Operating Temperature
T
OP
—
–40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com