Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 17 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 12Page - OKI electronic componets ML2201 Datasheet HTML 13Page - OKI electronic componets ML2201 Datasheet HTML 14Page - OKI electronic componets ML2201 Datasheet HTML 15Page - OKI electronic componets ML2201 Datasheet HTML 16Page - OKI electronic componets ML2201 Datasheet HTML 17Page - OKI electronic componets ML2201 Datasheet HTML 18Page - OKI electronic componets ML2201 Datasheet HTML 19Page - OKI electronic componets ML2201 Datasheet HTML 20Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
17/20
A SAMPLE CHARACTERISTICS OF D/A CONVERTER OUTPUT CURRENT
0
1
2
3
4
5
6
7
8
01
23
4
5
6
V
DD (V)
A Sample Characteristics : Power Supply Voltage VS. AOUT Output Current
(Ta = 25°C, VAOUT = V
DD, PCM at Max. level)
0
1
2
3
4
5
6
7
8
–40
–20
0
20
40
60
80
100
A Sample Characteristics : Operating Temperature VS. AOUT Output Current
(VAOUT = V
DD, PCM at Max. level)
Ta (°C)
V
DD = 5 V
V
DD = 3 V
0
1
2
3
4
5
6
012
3
4
5
A Sample Characteristics: Voltage on AOUT Pin VS. AOUT Output Current
(Ta = 25°C, PCM at Max. level)
VAOUT (V)
V
DD = 5 V
V
DD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com