Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 2Page - OKI electronic componets ML2201 Datasheet HTML 3Page - OKI electronic componets ML2201 Datasheet HTML 4Page - OKI electronic componets ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets ML2201 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
6/20
AC Characteristics
V
DD = 2.0 to 5.5 V, GND = 0 V, fEXTCLK = 4.096 MHz, Ta = –40 to +85°C (unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Clock Oscillation Duty Cycle
f
DUTY
—
405060
%
Reset Input Time after Powering Up
t
RST
—10
—
—
µs
PDWN Hold Time after Reset Input
t
PDH
—10
—
—
µs
D/A Converter Transit Time
(Pop-Noise Canceller Work Time)
Note *1
t
DAR, tDAF
—
606468
ms
PDWN – ST Setup Time
t
PDSS
—1
—
—
µs
ST – PI Setup Time
t
SPS
—1
—
—
µs
PI Pulse Width
t
PW
—
0.35
—
2000
µs
PI Cycle Time
t
PC
—
0.7
—
4000
µs
ST – PI Hold Time
t
SPH
—1
—
—
µs
ST – AOUT Setup Time
Note *2
t
SAS
At f
SAM = 8.0 kHz
—
1050
µs
Phrase Stop Time
Note *2
t
DPS
At f
SAM = 8.0 kHz
—
700
µs
Silence Time between Phrases
Note *2
t
BLN
At f
SAM = 8.0 kHz
—
700
µs
Stop
ST Pulse Width
t
SSW
—
0.35
—
2000
µs
Phrase
ST – Phrase ST Pulse Duration
Note *2
t
PP
At f
SAM = 8.0 kHz
1050
—
—
µs
Phrase
ST – Stop ST Pulse Duration
Note *2
t
PS
At f
SAM = 8.0 kHz
1050
—
—
µs
Stop
ST – Phrase ST Pulse Duration
Note *2
t
SP
At f
SAM = 8.0 kHz
500
—
—
µs
Sampling Frequency
Note *3
f
SAM
—
3.9
—
28.0
kHz
Note *1:
The value changes in proportion to the external clock frequency, f
EXTCLK.
Note *2:
The value changes in proportion to the sampling frequency, f
SAM.
Note *3: The sampling frequency is determined by the external clock frequency, f
EXTCLK, and the dividing
factor that is selected for each phrase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com