Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2201 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets ML2201 Datasheet HTML 10Page - OKI electronic componets ML2201 Datasheet HTML 11Page - OKI electronic componets ML2201 Datasheet HTML 12Page - OKI electronic componets ML2201 Datasheet HTML 13Page - OKI electronic componets ML2201 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
10/20
You can calculate playback time length with memory size divided by a bit rate. The following formula can be used
for 8-bit PCM-based ML2201;
Playback Time (sec) =
=
For example, when you store all phrases at 8.0 kHz Sampling Frequency, the maximum playback time is
calculated as follows;
Playback Time (sec) =
≅ 6.0 sec
Playback Algorithm
ML2201 uses
OKI Non-Linear PCM algorithm, an advanced variation of PCM.
In mid-range wave-form, this algorithm has precision and quality equivalent to those of 10-bit Straight PCM.
Inserting Silence
In addition to playing normal recorded sound phrases, ML2201 allows you to insert silence (a silent phrase) . You
can define time length of silence freely in 32 ms steps, within the range of minimum 32 ms and maximum 992 ms
at f
EXTCLK = 4.096 MHz. Those time length vary in proportion to the external clock frequency, fEXTCLK.
Phrase Control Table
The user-definable on-chip Phrase Control Table feature enables you to play back multiple phrases in a single
continuous session with just the same simple control as in a regular single phrase playback. You can assign up to 8
phrases including a silent phrase (s) to a single address. This allows you to get the most out of limited memory
space because you can eliminate duplicate sound data.
As an example, let’s assume you want to create several similar phrases like “It will be xxxxx today”. “xxxxx” can
be “sunny”, “rainy” or “cloudy”. The common words such as “It”, “will be” and “today” are created separately as
an independent phrase, and phrasing order information is stored in the Phrase Control Table, as shown in the Table
2 and Figure 2.1. From the external control, simply selecting an X address causes the LSI to play multiple phrases
continuously. In this example shown in the Table 2, selecting [01] address starts to play “It will be fine today,
while selecting [02] “It will be rainy today”.
You can also insert a silent phrase to the Phrase Control Table without consuming any memory space.
Minimum Time Length of Silence
32 ms
Maximum Time length of Silence
992 ms
Incremental Step
32 ms
Memory Size (Bit)
Bit Rate (bps)
Memory Size (Bit)
Ext. Clock Frequency (Hz)
× 8
(384 – 6)
× 1024 Bit
8000 (Hz)
× 8 Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com