Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button U4256BM-R Datasheet HTML 3Page - ATMEL Corporation U4256BM-R Datasheet HTML 4Page - ATMEL Corporation U4256BM-R Datasheet HTML 5Page - ATMEL Corporation U4256BM-R Datasheet HTML 6Page - ATMEL Corporation U4256BM-R Datasheet HTML 7Page - ATMEL Corporation U4256BM-R Datasheet HTML 8Page - ATMEL Corporation U4256BM-R Datasheet HTML 9Page - ATMEL Corporation U4256BM-R Datasheet HTML 10Page - ATMEL Corporation U4256BM-R Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
U4256BM-R
4562C–AUDR–08/04
DAC 1, 2 in AM Mode
(Pin 3 and Pin 4)
In AM mode the DAC input voltage V
(PDO) is internal connected to 3 V. The gains of
DAC1 and DAC2 have a range of 0.46
× 3V to 3.03 × 3V. V
(PDO) is the PLL tuning volt-
age output. This range is divided into 256 steps. So one step is approximately
(3.03 - 0.46)
× 3 V/255 = 0.01007 × 3 V. The gain of DAC1 can be controlled by the Bits
36 to 43 (G-20 to G-27) and the gain of DAC2 by the Bits 0 to 7 (G-20 to G-27) as
following:
Offset = 31 (intermediate position)
Remark: V
(PDO) is 3 V in AM mode.
The offset of DAC1 and DAC2 has a range of +1.46 V to -1.49 V. This range is divided
into 64 steps. So one step is approximately 2.95 V/ 63 = 46.8 mV. The offset DAC1 can
be controlled by the Bits 44 to 49 (O-20 to O-25) and the offset of DAC2 by the Bits 8 to
13 (O-2
0 to O-25) as following:
Gain = 53 (intermediate position)
Gain DAC1
Approximately
B43
B42
B41
B40
B39
B38
B37
B36
Decimal
Gain
Gain DAC2
Approximately
B7B6B5B4B3B2B1B0
Decimal
Gain
0.4607
× 3 V
00000000
0
0.4710
× 3 V
00000001
1
0.4812
× 3 V
00000010
2
0.4915
× 3 V
00000011
3
...
...
...
...
...
...
...
...
...
...
1.0029
× 3 V
00110101
53
...
...
...
...
...
...
...
...
...
...
3.0097
× 3 V
11111101
253
3.0196
× 3 V
11111110
254
3.0296
× 3 V
11111111
255
Offset DAC1
Approximately
B49
B48
B47
B46
B45
B44
Decimal
Gain
Offset DAC2
Approximately
B13
B12
B11
B10
B9
B8
Decimal
Gain
1.4606 V
000
000
0
1.4138 V
000
001
1
1.3665 V
000
010
2
1.3196 V
000
011
3
...
...
...
...
...
...
...
...
-0.0079 V
011
111
31
...
...
...
...
...
...
...
...
-1.3975 V
111
101
61
-1.4447 V
111
110
62
-1.4917 V
111
111
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com