Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 1 Page - ATMEL Corporation

  U4256BM-R Datasheet HTML 1Page - ATMEL Corporation U4256BM-R Datasheet HTML 2Page - ATMEL Corporation U4256BM-R Datasheet HTML 3Page - ATMEL Corporation U4256BM-R Datasheet HTML 4Page - ATMEL Corporation U4256BM-R Datasheet HTML 5Page - ATMEL Corporation U4256BM-R Datasheet HTML 6Page - ATMEL Corporation U4256BM-R Datasheet HTML 7Page - ATMEL Corporation U4256BM-R Datasheet HTML 8Page - ATMEL Corporation U4256BM-R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Features
• Reference Oscillator up to 15 MHz (Tuned)
• Oscillator Buffer Output (for AM Up/Down Conversion)
• Two Programmable 16-bit Dividers
• Fine-tuning Steps Possible
• Fast Response Time due to Integrated Loop Push-pull Stage
• 3-wire Bus (Enable, Clock and Data; 3 V and 5 V Microcontrollers Acceptable)
• Four Programmable Switching Outputs (Open Drain)
• Three DACs for Software Controlled Tuner Alignment
• Low-power Consumption
• High S/N Ratio
• Integrated Band Gap – only One Supply Voltage Necessary
Description
The U4256BM-R is a synthesizer IC for FM receivers and an AM up-convertion
system in BICMOS technology. Together with the AM/FM IC T4258 or U4255BM, it
performs a complete AM/FM car radio front-end, which is recommended also for RDS
(Radio Data System) applications. It is controlled by a 3-wire bus and also contains
switches and Digital to Analog Converters (DACs) for software-controlled alignment of
the AM/FM tuner. The U4256BM-R is the pin-compatible succesor IC of U4256BM-N.
Pin Configuration
Figure 1. Pinning SSO20
Frequency
Synthesizer for
Radio Tuning
U4256BM-R
Preliminary
Rev. 4562C–AUDR–08/04


Similar Part No. - U4256BM-R

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4256BM-AFS TEMIC-U4256BM-AFS Datasheet
322Kb / 14P
Frequency Synthesizer for Radio Tuning
U4256BM-AFSG3 TEMIC-U4256BM-AFSG3 Datasheet
322Kb / 14P
Frequency Synthesizer for Radio Tuning
More results

Similar Description - U4256BM-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1057 PHILIPS-SAA1057 Datasheet
104Kb / 13P
Radio tuning PLL frequency synthesizer
November 1983
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Sanyo Semicon Device
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
PLL Frequency Synthesizer for Electronic Tuning
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
logo
TEMIC Semiconductors
U4256BM TEMIC-U4256BM Datasheet
322Kb / 14P
Frequency Synthesizer for Radio Tuning
logo
ATMEL Corporation
ATR4256 ATMEL-ATR4256 Datasheet
522Kb / 21P
Frequency Synthesizer for Radio Tuning
U4256BM ATMEL-U4256BM Datasheet
167Kb / 14P
Frequency Synthesizer for Radio Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com