Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U4256BM-R Datasheet HTML 2Page - ATMEL Corporation U4256BM-R Datasheet HTML 3Page - ATMEL Corporation U4256BM-R Datasheet HTML 4Page - ATMEL Corporation U4256BM-R Datasheet HTML 5Page - ATMEL Corporation U4256BM-R Datasheet HTML 6Page - ATMEL Corporation U4256BM-R Datasheet HTML 7Page - ATMEL Corporation U4256BM-R Datasheet HTML 8Page - ATMEL Corporation U4256BM-R Datasheet HTML 9Page - ATMEL Corporation U4256BM-R Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
U4256BM-R
4562C–AUDR–08/04
DAC 1, 2 in FM Mode
(Pin 3 and Pin 4)
The gains of DAC1 and DAC2 have a range of 0.69
× V
(PDO) to 2.16 × V(PDO). V(PDO) is
the PLL tuning voltage output. This range is divided into 256 steps. So one step is
approximately (2.16 - 0.46)
× V
(PDO) / 255 = 0.005764 × V(PDO). The gain of DAC1 can be
controlled by the Bits 36 to 43 (G-20 to G-27) and the gain of DAC2 by the Bits 0 to 7 (G-
20 to G-27) as following:
Offset = 31 (intermediate position)
The offset of DAC1 and DAC2 has a range of 0.56 V to -0.59 V. This range is divided
into 64 steps. So one step is approximately 1.15 V/ 63 = 18.25 mV. The offset DAC1
can be controlled by the Bits 44 to 49 (O-20 to O-25) and the offset of DAC2 by the Bits 8
to 13 (O-20 to O-25) as following:
Gain = 53 (intermediate position)
Gain DAC1
Approximately
B43
B42
B41
B40
B39
B38
B37
B36
Decimal
Gain
Gain DAC2
Approximately
B7B6
B5B4B3B2
B1B0
Decimal
Gain
0.69
× V
(PDO)
0
0000
000
0
0.69576
× V
(PDO)
0
0000
001
1
0.70153
× V
(PDO)
0
0000
010
2
0.70729
× V
(PDO)
0
0000
011
3
...
...
...
...
...
...
...
...
...
...
0.99549
× V
(PDO)
0
0110
101
53
...
...
...
...
...
...
...
...
...
...
2.14847
× V
(PDO)
1
1111
101
253
2.15424
× V
(PDO)
1
1111
110
254
2.16
× V
(PDO)
1
1111
111
255
Offset DAC1
Approximately
B49
B48
B47
B46
B45
B44
Decimal
Gain
Offset DAC2
Approximately
B13
B12
B11
B10
B9
B8
Decimal
Gain
0.56 V
000
000
0
0.5417 V
000
001
1
0.5235 V
000
010
2
0.5052 V
000
011
3
...
...
...
...
...
...
...
...
+0.0059 V
0
1
1
1
1
1
31
...
...
...
...
...
...
...
...
0.5535 V
111
101
61
-0.5717 V
111
110
62
-0.59 V
111
111
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com