Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 10 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button U4256BM-R Datasheet HTML 6Page - ATMEL Corporation U4256BM-R Datasheet HTML 7Page - ATMEL Corporation U4256BM-R Datasheet HTML 8Page - ATMEL Corporation U4256BM-R Datasheet HTML 9Page - ATMEL Corporation U4256BM-R Datasheet HTML 10Page - ATMEL Corporation U4256BM-R Datasheet HTML 11Page - ATMEL Corporation U4256BM-R Datasheet HTML 12Page - ATMEL Corporation U4256BM-R Datasheet HTML 13Page - ATMEL Corporation U4256BM-R Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
U4256BM-R
4562C–AUDR–08/04
Figure 11. Internal Components at OSCIN and OSCOUT
Figure 12. Internal Connection of Tuning Capacity for Crystal Oscillator
V
5
OSCIN
OSCOUT
V
5
8pF
32pF
0.5 pF
B78
B84
B85
Cx1
Cx2
INV
0.5 pF
8pF
32pF
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com