Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 9 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button U4256BM-R Datasheet HTML 5Page - ATMEL Corporation U4256BM-R Datasheet HTML 6Page - ATMEL Corporation U4256BM-R Datasheet HTML 7Page - ATMEL Corporation U4256BM-R Datasheet HTML 8Page - ATMEL Corporation U4256BM-R Datasheet HTML 9Page - ATMEL Corporation U4256BM-R Datasheet HTML 10Page - ATMEL Corporation U4256BM-R Datasheet HTML 11Page - ATMEL Corporation U4256BM-R Datasheet HTML 12Page - ATMEL Corporation U4256BM-R Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
U4256BM-R
4562C–AUDR–08/04
SWO1, 2, 3 and 4
(Pin 7-10)
All switching outputs are ‘open drain’ and can be set and reset by software control.
Details are described in the data transfer protocol.
The switching output SWO1 to SWO4 can be controlled as following (Bits 30 to 33):
X = 0 to 3
Figure 10. Internal Components at SWO1, 2, 3 and 4
OSCIN, OSCOUT
(Pin 12 and Pin 13)
A crystal resonator (up to 15 MHz) is connected between OSCIN and OSCOUT in order
to generate the reference frequency. By using the U4256BM-R in connection with
U4255BM or T4258, the crystal frequency must be 10.25 MHz. The complete applica-
tion circuit is shown in Figure 15. If a reference is available, it can be applied at OSCIN.
The minimum voltage should be 100 mVrms. In this case, Pin OSCOUT has to be open.
The tuning capacity for the crystal oscillator has a range of 0.5 pF to 71.5 pF. The
values are coded binary. The tuning can be controlled by the Bits 78 to 85 as following:
Switch Output
B30 + X
SWOx = ON (switch to GND)
0
SWOx = OFF
1
SWO1
SWO2
SWO3
SWO4
I
B85 = 1
[pF]
B85 = 0
[pF]
B84
B83
B82
B81
B80
B79
B78
0
8.0
1111111
0.5
8.5
1111110
1.0
9.0
1111101
1.5
19.5
1111100
...
...
...
...
...
...
...
...
...
63.0
71.0
0000000
63.5
71.5
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com