Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 16 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button U4256BM-R Datasheet HTML 11Page - ATMEL Corporation U4256BM-R Datasheet HTML 12Page - ATMEL Corporation U4256BM-R Datasheet HTML 13Page - ATMEL Corporation U4256BM-R Datasheet HTML 14Page - ATMEL Corporation U4256BM-R Datasheet HTML 15Page - ATMEL Corporation U4256BM-R Datasheet HTML 16Page - ATMEL Corporation U4256BM-R Datasheet HTML 17Page - ATMEL Corporation U4256BM-R Datasheet HTML 18Page - ATMEL Corporation U4256BM-R Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
U4256BM-R
4562C–AUDR–08/04
Figure 16. Application Circuit
11.6
Set-up time
16-18
t
s
100
ns
D
11.7
Hold time EN
18
t
HEN
250
ns
D
11.8
Hold time DATA
16
t
HDA
0ns
D
Electrical Characteristics (Continued)
Test Conditions (unless otherwise specified): VS = 8.5 V, Tamb = 25°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
20
12
3
4
56
7
8
19
18
17
16
15
14
13
9
10
12
11
C
1
10 pF
R
2
600
FM
VCO
R
4
8.2 k
C
6
330 pF
C
7
10 nF
C
8
47 pF
R
5
5.1 k
10.25 MHz
C
9
*)
C
12
100 nF
EN
CLK
DATA
GND
C
5
100 nF
C
4
100 mF
R
3
100
C
16
10 nF
C
15
10 nF
10 nF
C
14
DAC1
DAC2
DAC3
SWO1
SWO2
VS
8 ... 12 V
SWO3
SWO4
fOSC
*)
*) depends on
crystal
BUS
OSC
LOGIC
DAC's
Switches
V
tune



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com