Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U4256BM-R Datasheet(PDF) 15 Page - ATMEL Corporation

Part # U4256BM-R
Description  Frequency Synthesizer for Radio Tuning
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4256BM-R Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button U4256BM-R Datasheet HTML 11Page - ATMEL Corporation U4256BM-R Datasheet HTML 12Page - ATMEL Corporation U4256BM-R Datasheet HTML 13Page - ATMEL Corporation U4256BM-R Datasheet HTML 14Page - ATMEL Corporation U4256BM-R Datasheet HTML 15Page - ATMEL Corporation U4256BM-R Datasheet HTML 16Page - ATMEL Corporation U4256BM-R Datasheet HTML 17Page - ATMEL Corporation U4256BM-R Datasheet HTML 18Page - ATMEL Corporation U4256BM-R Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
U4256BM-R
4562C–AUDR–08/04
7PDO
7.1
Saturation voltage
HIGH
3, 4
8.0
8.5
V
A
7.2
Saturation voltage
LOW
3, 4
0
0.4
V
A
8
SWO1, SWO2, SWO3, SWO4 (Open Drain)
8.1
Output leakage current
HIGH
Pin 7,8,9,10 over R
against 8.5 V
7, 8,
9, 10
I
SWOH
100
nA
A
8.2
Output voltage LOW
I = 1 mA
7, 8,
9, 10
V
SWOL
100
400
mV
A
9
DAC1, DAC2
9.1
Output current
3, 4
I
DAC1, 2
± 1mA
C
9.2
Output voltage
3, 4
V
DAC1, 2
0.3
V
S-0.6
V
A
9.3
Maximum offset range
(FM)
offset = 0, gain = 53
3, 4
0.45
0.56
0.65
V
A
9.4
Minimum offset range
(FM)
offset = 63, gain = 53
3, 4
-0.45
-0.57
-0.65
V
A
9.5
Maximum gain range
(FM)
gain = 255, offset = 31
3, 4
0.63
0.69
0.75
A
9.6
Minimum gain range
(FM)
gain = 0, offset = 31
3, 4
2.1
2.16
2.23
A
10
DAC3
10.1
Output current
5
I
DAC3
±1mA
C
10.2
Output voltage
Bit 68-66: 000
5
V
DAC3
0.4
0.55
0.7
V
A
10.3
Output voltage
Bit 68-66: 001
5
V
DAC3
1.1
1.25
1.4
V
A
10.4
Output voltage
Bit 68-66: 010
5
V
DAC3
1.8
1.90
2.1
V
A
10.5
Output voltage
Bit 68-66: 011
5
V
DAC3
2.4
2.60
2.8
V
A
10.6
Output voltage
Bit 68-66: 100
5
V
DAC3
3.2
3.30
3.5
V
A
10.7
Output voltage
Bit 68-66: 101
5
V
DAC3
3.8
4.10
4.3
V
A
10.8
Output voltage
Bit 68-66: 110
5
V
DAC3
4.5
4.80
5.0
V
A
10.9
Output voltage
Bit 68-66: 111
5
V
DAC3
5.2
5.45
5.7
V
A
11
3-wire Bus, ENABLE, DATA, CLOCK
11.1
Input voltage HIGH
LOW
16-18
V
BUSH
V
BUSL
2.7
-0.3
5.3
0.8
V
V
A
11.2
Clock frequency
17
1.0
MHz
A
11.3
Period of CLK HIGH
LOW
17
t
H
t
L
250
250
ns
ns
D
11.4
Rise time EN, DATA,
CLK
16-18
t
r
400
ns
D
11.5
Fall time EN, DATA,
CLK
16-18
t
f
100
ns
D
Electrical Characteristics (Continued)
Test Conditions (unless otherwise specified): VS = 8.5 V, Tamb = 25°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com