Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IM2000S Datasheet HTML 1Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 2Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 3Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 4Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 5Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 6Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 7Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Featur es And Benefits
!
Complete Microstepping Control System with the IM2000S 64 Pin QFP
!
Up to 10MHz Step Clock Rate
!
Internal Sine/Cosine Generator
!
PWM Phase Current Control
!
Minimal External Components
!
Automatic Current Reduction
!
14 Selectable Resolutions — Both in Decimal and Binary
!
Number of Microsteps Per Step can be Changed On-The-Fly Without Motor Movement Interruption
!
Up to 51,200 Steps/Rev
!
Standalone or Buss Modes
!
Single 5V Power Supply
!
Short Circuit and Over
Temperature Protection Inputs
!
Fault Output
!
On Full Step Output
!
Anti-Resonance
Block Diagram
Figure 1.2: IM2000S Block Diagram
VSA
VSB1
VTMP
VV
VCA
VCB
CIR0
CIR1
ILOW
IHI
RESET
DIR
EN
MODE
WR
SCLK
CSEL
RSEL
INPUT
LOGIC
SIGNAL
SHAPER
SINE/COSINE
POSITION
GENERATOR
MICROSTEP
RESOLUTION
SELECTION
MSEL0
MSEL1
MSEL2
MSEL3
ANTI-
RESONANCE
AUTO
SLOW/FAST
DECAY
AUTO
CURRENT
REDUCTION
CURRENT
CONTROL
OSC
ROM
FULL STEP
POSITION
GENERATOR
PROTECTION
CIRCUIT
FAULT
ENA
SIGNA
PWMA
HLA
LLA
HRA
LRA
HLB
LLB
HRB
LRB
PWMB
SIGNB
ENB
OSCR
OSCRC
CURRED
SINE0
SINE1
SINE2
SINE3
SINE4
SINE5
SINE6
SINE7
COS0/AD0
COS1/AD1
COS2/AD2
COS3/AD3
COS4/AD4
COS5/AD5
COS6/AD6
COS7/AD7
FULL STEP
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com