Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IM2000S Datasheet HTML 4Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 5Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 6Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 7Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 10Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 11Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Section 3
Operation of the IM2000S
Section Over view
This section covers the operation of the various circuits contained within the IM2000S Microstepping Controller ASIC.
These are:
!
Protection Inputs
!
Microstep Select (MSEL) Inputs
!
Step/Direction Inputs
!
Chip Select (CSEL) Input
!
Full Step Output
!
Dual PWM
!
Power Control Outputs
!
Controling the Output Current
!
Chopping Oscillator
!
Reset Input
!
External Look-up Table
!
Buss/Standalone Mode
Pr otection Inputs
The IM2000S has four inputs which will disable the PWM and driver control outputs to protect against external faults.
These inputs include:
!
Over Temperature
!
Phase A and Phase B Short Circuit
!
Over Voltage
All four inputs are buffered using Schmitt triggered buffers and are internally AND’ed together. These inputs may be
used independently or tied together for wired OR’ed protection circuits. Unused inputs must be tied to a logic HIGH
state.
Upon detection of a fault condition the IM2000S will latch the condition and set the fault output pin to a logic HIGH
state. At this time the phase control outputs, phase enable outputs and PWM are disabled. The IM2000S must be reset by
either pulling the reset input LOW, or cycling power to clear the fault condition and re-enable the PWM and driver
control outputs. Figures 3.1 and 3.2 illustrate possible application/interface of the overcurrent and over temperature
inputs.
Figure 3.1: Overcurrent Protection Example
Figure 3.2: Thermal Protection Example
+5V
Thermostat
Output to
OVTMP
10 kOhm
10 kOhm
Output to
OVCA/OVCB
Comparator
Input from
Sense Resistor
+5V
*
*Set Reference for
Maximum
Allowable Current
+5V
_
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com