Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 10Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 11Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 12Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 13Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 14Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 15Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
+5V
36
11
VSA
VSB
1
MODE
64
WR
OVCA
OVCB
37
10
24
OVV
26
OVTMP
RES SEL 0
RES SEL 1
RES SEL 2
RES SEL 3
MSEL0
MSEL1
MSEL2
MSEL3
48
49
50
51
STEP CLOCK
DIRECTION
ENABLE
SCLK
DIR
EN
59
60
61
+5V
51K
55
56
CIR0
CIR1
RSEL
CSEL
52
53
0.47µf
30.1K
1.0nf
RESET
OSCR
OSCRC
57
23
22
IHI
ILOW
GND
GND
GND
GND
47
46
7
21
40
54
+5V
+5V
0.1µf
0.1µf
VCC
VCC
25
58
IM2000S
HLA
LLA
HRA
LRA
38
39
41
42
HLB
LLB
HRB
LRB
5
6
9
8
CURRED
FAULT
FSTEP
20
63
62
28
29
30
31
32
33
34
35
SINE0
SINE1
SINE2
SINE3
SINE4
SINE5
SINE6
SINE7
12
13
14
15
16
17
18
19
COS0/AD0
COS1/AD1
COS2/AD2
COS3/AD3
COS4/AD4
COS5/AD5
COS6/AD6
COS7/AD7
ENA
SIGNA
PWMA
43
44
45
ENB
SIGNB
PWMB
4
3
2
COUT
27
+5V
+5V
1K
1
8
3
2
+
-
4
TLC372
+5V
1K
7
5
6
+
-
TLC372
5.1K
220pf
5.1K
220pf
1
1
2
2
3
3
OUT1
OUT1
OUT2
OUT2
GND
GND
VDD
VDD
+5V
+5V
11
11
10
10
9
9
8
8
7
7
6
6
5
5
4
4
15
15
16
16
13
13
12
12
REF
REF
RFB
RFB
DB0
DB1
DB1
DB2
DB2
DB3
DB3
DB4
DB4
DB5
DB5
DB6
DB6
DB7
DB7
TLC7524
TLC7524
11
5
7
9
6
0.22µf
EN
IN1
IN2
VREF
GND
WR
WR
CS
CS
V+
OUT1
BOOT1
BOOT2
OUT2
VSEN
L6203
2
3
4
8
1
10
10nf
10nf
0.5
2W
ØB
+5V
LM234Z
68.1
R1
+5V
TLC271
6
7
3
2
4
8
0.1µf
10µf
+
+
-
0.22µf
L6203
0.5
2W
10nf
10nf
ØA
2
3
4
8
1
10
0.1µf
1000µf
+12 to +48V
+
EN
IN1
IN2
VREF
GND
V+
OUT1
BOOT1
BOOT2
OUT2
VSEN
11
5
7
9
6
DB0
Output Current (AMPS) = .002 x R1 (OHMS)
NOTE: Diodes may be needed on phase outputs
depending on input voltage and phase currents used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com