Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IM2000S Datasheet HTML 1Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 2Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 3Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 4Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 5Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 6Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 7Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Section 2
Har dwar e Specifications
Section Over view
This section covers the hardware specifications of the IM2000S. Covered are:
!
Mechanical Specifications
!
Electrical Specifications
!
Pin Description
Mechanical Specifications
IM2000S - 64 Pin Ultra-Small QFP
Figure 2.1: IM2000S Mechanical Specifications
IM2000S / 64 PIN QFP
(Enlarged)
0.007 + 0.005/-0.001
(0.18 +0.10/- 0.05)
0.020
(0.5)
0.472 +/- 0.005
(12 +/- 0.40)
0.394 +/- 0.004
(10 +/- 0.10)
0.066 MAX.
(1.7)
0.020 +/- 0.007
(0.5 +/- 0.2)
0.055 +/- 0.004
(1.4 +/- 0.1)
33
48
17
32
INDEX
16
1
64
49
IM2000S
(Actual Size)
0-10˚
0.005 ± 0.001
(0.125 ± 0.025)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com