Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 10Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 11Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 12Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 13Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 14Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 15Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Cur rent Contr ol
Digital Cur r ent Contr ol
The schematic example shown in Figure 3.7 illustrates
how the user might set up the 0 to 2V D/A reference to
control the output current of the driver.
Automatic Cur r ent Reduction
The IM2000S contains an auto-current reduction circuit
which will automatically set the CURRED output
HIGH approximately 1.5 seconds after the rising edge
of the last step clock pulse. This output, coupled with a
minimum of external components may be used to
reduce the current in the windings when the motor is at
a standstill.
The CURRED output will then be reset on the next rising edge of the step clock
input. This feature can greatly reduce motor and driver heating. It may also
increase power efficiency in systems not requiring full holding torque.
Note that although both phases are reduced by the same percentage when using
the Automatic Current reduction feature, motor shaft movement may occur,
depending on shaft positioning and load type.
Example Application of the Power Contr ol Outputs
Figure 3.6: Power Control Output Interface Examples
SIGNA
ENAN
PWMA
DIR
BRAKE
PWM
TFLAG
GND
DIR
BRAKE
PWM
TFLAG
GND
SIGNB
ENBN
PWMB
+5V
OVTMP
10k
VS
OUT1
BOOT1
BOOT2
OUT2
VSEN
VS
OUT1
BOOT1
BOOT2
OUT2
VSEN
6
2
1
11
10
8
6
2
1
11
10
8
3
4
5
9
7
3
4
5
9
7
IM2000 Interface for the
National Semiconductor LMD18200 &
International Rectifier IR8200B
PHASE A
PHASE B
IM2000
ENA
HLA
HRA
ENA
IN1
IN2
ENB
IN3
IN4
VSS
GND
ENB
HLB
HRB
VS
OUT1
OUT2
OUT3
OUT4
VSENB
VSENA
IM2000 Interface for the
SGS Thomson L298
PHASE A
PHASE B
IM2000
6
5
7
11
10
12
4
2
3
13
14
15
1
9
8
TO CURRENT
ADJUST CIRCUIT
CURRENT ADJUST
RESISTOR
CURRENT REDUCTION
RESISTOR
INPUT FROM
CURRED
VN0300 OR
EQUIVALENT
Figure 3.8: Automatic Current Reduction
Figure 3.7: Digital Current Control Example
INPUT FROM COUT
INPUT FROM DIR
X9C102
>INC
U/D
CS
VH
VW
VL
0 TO 2V REFERENCE
FOR D/A CONVERTERS
LM234Z
+V
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com