Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IM2000S Datasheet HTML 7Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 10Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 11Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 12Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 13Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 14Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
The IM2000S will automatically change the non-recirculating pulse widths
to compensate for changes in supply voltage and accommodate a wide
variety of motor inductances. This method also allows for the use of very
low inductance motors, while utilizing a 20kHz chopping rate which
reduces motor heating but maintains high efficiency and low current
ripple.
Fixed PWM T ype
The internal PWM in the IM2000S may also be placed in a fixed
recirculating or non-recirculating mode by the use of the CIR0 and
CIR1 inputs. The relationship between the states of the CIR0 and
CIR1 inputs and the method of current control is shown in Table 3.3.
Table 3.3: Current Control Mode Settings
Power Contr ol Outputs
The relationship between the
Sine\Cosine, Power Section
Control and PWM outputs of
the IM2000S is illustrated in
Figure 3.5. When either the sine
or cosine is at 0, the enable and
all drive control outputs for that
particular phase will be turned
off to improve accuracy.
The inputs IHI and ILOW to the
IM2000S are used to invert the
polarity of the high side and low
side driver control signals
respectively. These inputs have
no effect on the sign, EN, and
PWM output signals.
Figure 3.5: Power Control Output Relationships
Sine\Cosine Output
Sense Current
Oscillator
Enable (In & Out)
HLx
HRx
LRx
SIGNx
PWMx
LLx
**
**
*Fast decay period for auto decay mode.
s
e
d
o
M
l
o
r
t
n
o
C
t
n
e
r
r
u
C
M
W
Ps
e
d
o
M
l
o
r
t
n
o
C
t
n
e
r
r
u
C
M
W
P
s
e
d
o
M
l
o
r
t
n
o
C
t
n
e
r
r
u
C
M
W
P
s
e
d
o
M
l
o
r
t
n
o
C
t
n
e
r
r
u
C
M
W
Ps
e
d
o
M
l
o
r
t
n
o
C
t
n
e
r
r
u
C
M
W
P
1
R
I
C1
R
I
C
1
R
I
C
1
R
I
C1
R
I
C
0
R
I
C0
R
I
C
0
R
I
C
0
R
I
C0
R
I
C
e
p
y
T
M
W
Pe
p
y
T
M
W
P
e
p
y
T
M
W
P
e
p
y
T
M
W
Pe
p
y
T
M
W
P
00
g
n
i
t
a
l
u
c
r
i
c
e
R
-
o
t
u
A
1
0
)
g
n
i
t
a
l
u
c
r
i
c
e
R
-
n
o
N
(
y
a
c
e
D
t
s
a
F
01
)
g
n
i
t
a
l
u
c
r
i
c
e
R
(
y
a
c
e
D
w
o
l
S
1
1
)
g
n
i
t
a
l
u
c
r
i
c
e
R
-
n
o
N
(
y
a
c
e
D
t
s
a
F
Figure 3.4: Non-Recirculating PWM
DRIVE CURRENT
FAST DECAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com