Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM2000S Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IM2000S
Description  HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IM2000S Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IM2000S Datasheet HTML 3Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 4Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 5Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 6Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 7Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 8Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 9Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 10Page - List of Unclassifed Manufacturers IM2000S Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
n
i
P
4
6
P
F
Q
E
M
A
N
n
o
i
t
c
n
u
F
n
i
P
9
5K
L
C
S
s
i
t
n
e
m
e
r
c
n
i
e
h
t
f
o
e
z
i
s
e
h
t
(
t
n
e
m
e
r
c
n
i
e
n
o
r
o
t
o
m
e
h
t
e
c
n
a
v
d
a
ll
i
w
t
u
p
n
i
s
i
h
t
n
o
e
g
d
e
g
n
i
o
g
e
v
i
t
i
s
o
p
A
.
t
u
p
n
i
k
c
o
l
c
p
e
t
S
.
)
s
t
u
p
n
i
t
c
e
l
e
s
p
e
t
s
o
r
c
i
m
e
h
t
n
o
t
n
e
d
n
e
p
e
d
2
5
L
E
S
R
e
s
u
r
o
f
d
e
t
c
e
l
e
s
e
r
a
8
D
A
-
0
D
A
,
h
g
i
h
n
e
h
W
.
M
O
R
e
n
i
s
o
c
/
e
n
i
s
l
a
n
r
e
t
n
i
e
h
t
s
t
c
e
l
e
s
t
u
p
n
i
s
i
h
t
,
w
o
l
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
M
O
R
.
e
l
b
a
t
p
u
k
o
o
l
l
a
n
r
e
t
x
e
n
a
h
t
i
w
7
5T
E
S
E
R
n
e
h
W
.
)
d
e
l
b
a
s
i
d
e
b
ll
i
w
s
t
u
p
t
u
o
e
g
d
i
r
B
ll
u
F
d
n
a
,
e
l
b
a
n
E
,
M
W
P
(
0
0
0
2
M
I
e
h
t
t
e
s
e
r
ll
i
w
t
u
p
n
i
s
i
h
t
,
w
o
l
n
e
h
W
.
t
u
p
n
i
t
e
s
e
R
.
)
k
a
e
p
t
a
e
n
i
s
o
c
,
0
t
a
e
n
i
s
(
e
t
a
t
s
l
a
i
t
i
n
i
s
t
i
t
a
e
b
ll
i
w
r
e
ll
o
r
t
n
o
c
e
h
t
,
d
e
s
a
e
l
e
r
0
6
R
I
D
n
o
i
t
c
e
n
n
o
c
e
h
t
n
o
s
d
n
e
p
e
d
o
s
l
a
n
o
i
t
c
e
r
i
d
l
a
c
i
s
y
h
P
.
r
o
t
o
m
e
h
t
f
o
n
o
i
t
c
e
r
i
d
e
h
t
e
g
n
a
h
c
o
t
d
e
s
u
s
i
t
u
p
n
i
s
i
h
T
.
t
u
p
n
i
n
o
i
t
c
e
r
i
D
.
s
g
n
i
d
n
i
w
r
o
t
o
m
e
h
t
f
o
EL
S
C
l
e
v
e
l
e
h
t
f
o
t
n
e
d
n
e
p
e
d
n
i
r
o
t
a
r
e
n
e
g
e
n
i
s
o
c
/
e
n
i
s
l
a
n
r
e
t
n
i
e
h
t
o
t
d
e
t
c
e
r
i
d
e
b
ll
i
w
t
u
p
n
i
K
L
C
S
e
h
t
,
w
o
l
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
,
y
l
e
s
r
e
v
n
o
c
,
d
n
a
w
o
l
s
i
t
u
p
n
i
N
E
e
h
t
n
e
h
w
t
u
p
t
u
o
T
U
O
C
e
h
t
o
t
d
e
t
c
e
r
i
d
e
b
ll
i
w
t
u
p
n
i
K
L
C
S
e
h
t
,
h
g
i
h
n
e
h
W
.
t
u
p
n
i
N
E
e
h
t
f
o
.
h
g
i
h
s
i
t
u
p
n
i
N
E
e
h
t
n
e
h
w
r
o
t
a
r
e
n
e
g
e
n
i
s
o
c
/
e
n
i
s
l
a
n
r
e
t
n
i
e
h
t
o
t
1
6
N
E
.
s
l
a
n
g
i
s
t
u
p
t
u
o
e
g
d
i
r
b
ll
u
f
d
n
a
M
W
P
e
h
t
e
l
b
a
s
i
d
/
e
l
b
a
n
e
ll
i
w
t
u
p
n
i
s
i
h
t
,
w
o
l
n
e
h
W
.
t
u
p
n
i
e
l
b
a
n
E
2
6P
E
T
S
F
ll
u
f
a
n
o
d
e
n
o
i
t
i
s
o
p
e
r
a
s
t
u
p
t
u
o
e
n
i
s
o
c
&
e
n
i
s
s
’
0
0
0
2
M
I
e
h
t
n
e
h
w
s
e
t
a
c
i
d
n
i
t
u
p
t
u
o
w
o
l
e
v
i
t
c
a
s
i
h
T
.
l
a
n
g
i
s
t
u
p
t
u
o
p
e
t
s
ll
u
f
n
O
.
p
e
t
s
3
6
T
L
U
A
F
.
t
e
s
e
r
s
i
0
0
0
2
M
I
e
h
t
li
t
n
u
e
v
i
t
c
a
y
a
t
s
ll
i
w
t
I
.
d
e
r
r
u
c
c
o
s
a
h
t
l
u
a
f
a
n
e
h
w
s
e
t
a
c
i
d
n
i
t
u
p
t
u
o
h
g
i
h
e
v
i
t
c
a
s
i
h
T
.
l
a
n
g
i
s
t
u
p
t
u
o
t
l
u
a
F
4
6R
W
,
e
l
b
a
n
e
,
t
c
e
l
e
s
p
e
t
s
o
r
c
i
m
e
h
t
n
i
h
c
t
a
l
o
t
d
e
s
u
s
i
t
u
p
n
i
s
i
h
t
,
e
d
o
m
s
s
u
b
e
h
t
n
i
d
e
r
u
g
i
f
n
o
c
s
i
0
0
0
2
M
I
e
h
t
n
e
h
W
.
t
u
p
n
i
e
t
i
r
W
.
s
t
u
p
n
i
n
o
i
t
c
e
r
i
d
d
n
a
1
E
D
O
M
.
e
d
o
m
s
s
u
b
r
o
e
n
o
l
a
d
n
a
t
s
a
n
i
0
0
0
2
M
I
e
h
t
e
r
u
g
i
f
n
o
c
o
t
d
e
s
u
s
i
t
u
p
n
i
s
i
h
T
.
t
u
p
n
i
t
c
e
l
e
s
e
d
o
M
MB
W
P
,
A
M
W
P
n
i
s
t
n
e
r
r
u
c
e
s
a
h
p
e
h
t
l
o
r
t
n
o
c
o
t
d
e
s
u
e
b
n
a
c
s
t
u
p
t
u
o
e
s
e
h
T
.
s
l
a
n
g
i
s
t
u
p
t
u
o
d
e
t
a
l
u
d
o
m
h
t
d
i
w
e
s
l
u
p
B
e
s
a
h
P
d
n
a
A
e
s
a
h
P
.
s
n
o
i
t
c
e
s
r
e
w
o
p
e
p
y
t
M
W
P
n
o
m
m
o
c
3
,
4
4
B
N
G
I
S
,
A
N
G
I
S
.
e
n
i
s
o
c
e
h
t
f
o
n
g
i
s
e
h
t
d
n
a
e
n
i
s
e
h
t
f
o
n
g
i
s
e
h
t
e
t
a
c
i
d
n
i
s
t
u
p
t
u
o
e
s
e
h
T
.
s
l
a
n
g
i
s
t
u
p
t
u
o
B
f
o
n
g
i
s
d
n
a
A
f
o
n
g
i
S
NB
E
,
A
N
E
f
o
t
u
p
n
i
e
l
b
a
n
e
e
h
t
h
t
i
w
n
o
i
t
c
n
u
j
n
o
c
n
i
k
r
o
w
h
c
i
h
w
,
s
t
u
p
t
u
o
h
g
i
h
e
v
i
t
c
a
e
s
e
h
T
.
s
l
a
n
g
i
s
t
u
p
t
u
o
e
l
b
a
n
e
B
e
s
a
h
P
d
n
a
A
e
s
a
h
P
.
r
e
v
i
r
d
e
h
t
f
o
n
o
i
t
c
e
s
r
e
w
o
p
e
h
t
e
l
b
a
s
i
d
/
e
l
b
a
n
e
o
t
d
e
s
u
e
b
n
a
c
,
6
N
I
P
,
9
3
,
8
3
2
4
,
1
4
,
A
L
L
,
A
R
L
,
A
R
H
A
L
H
ll
u
f
N
-
N
r
o
N
-
P
e
t
e
r
c
s
i
d
l
o
r
t
n
o
c
o
t
d
e
s
u
e
b
n
a
c
s
t
u
p
t
u
o
e
s
e
h
T
.
s
l
a
n
g
i
s
l
o
r
t
n
o
c
e
g
d
i
r
b
ll
u
f
e
d
i
s
w
o
l
d
n
a
e
d
i
s
h
g
i
h
A
e
s
a
h
P
.
s
’
C
I
e
g
d
i
r
b
ll
u
f
d
n
a
f
l
a
h
r
o
s
n
o
i
t
c
e
s
e
g
d
i
r
b
,
8
,
6
,
5
9
,
B
R
L
,
B
L
L
,
B
L
H
B
R
H
ll
u
f
N
-
N
r
o
N
-
P
e
t
e
r
c
s
i
d
l
o
r
t
n
o
c
o
t
d
e
s
u
e
b
n
a
c
s
t
u
p
t
u
o
e
s
e
h
T
.
s
l
a
n
g
i
s
l
o
r
t
n
o
c
e
g
d
i
r
b
ll
u
f
e
d
i
s
w
o
l
d
n
a
e
d
i
s
h
g
i
h
B
e
s
a
h
P
.
s
’
C
I
e
g
d
i
r
b
ll
u
f
d
n
a
f
l
a
h
r
o
s
n
o
i
t
c
e
s
r
e
w
o
p
e
g
d
i
r
b
B.
e
s
a
h
P
r
o
f
s
l
a
n
g
i
s
t
u
p
t
u
o
m
r
o
f
e
v
a
w
e
n
i
s
o
C
5
3
-
8
20
N
I
S
-
7
N
I
S.
A
e
s
a
h
P
r
o
f
s
l
a
n
g
i
s
t
u
p
t
u
o
m
r
o
f
e
v
a
w
e
n
i
S
.
s
t
u
p
t
u
o
l
o
r
t
n
o
c
e
g
d
i
r
b
ll
u
f
e
d
i
s
h
g
i
h
w
o
l
e
v
i
t
c
a
r
o
h
g
i
h
e
v
i
t
c
a
r
o
f
t
u
p
n
i
t
c
e
l
e
s
y
t
i
r
a
l
o
P
6
4W
O
L
I
.
s
t
u
p
t
u
o
l
o
r
t
n
o
c
e
g
d
i
r
b
ll
u
f
e
d
i
s
w
o
l
w
o
l
e
v
i
t
c
a
r
o
h
g
i
h
e
v
i
t
c
a
r
o
f
t
u
p
n
i
t
c
e
l
e
s
y
t
i
r
a
l
o
P
0
1
,
7
3B
C
V
O
,
A
C
V
O
.
s
t
u
p
n
i
n
o
i
t
c
e
t
o
r
p
t
i
u
c
r
i
c
t
r
o
h
s
/
t
n
e
r
r
u
c
r
e
v
o
B
e
s
a
h
P
d
n
a
A
e
s
a
h
P
ED
R
R
U
C
t
n
e
r
r
u
c
t
u
p
t
u
o
r
e
v
i
r
d
e
h
t
e
c
u
d
e
r
y
ll
a
c
i
t
a
m
o
t
u
a
o
t
d
e
s
u
s
i
t
u
p
t
u
o
h
g
i
h
e
v
i
t
c
a
s
i
h
T
.
l
a
n
g
i
s
t
u
p
t
u
o
n
o
i
t
c
u
d
e
r
t
n
e
r
r
u
c
c
i
t
a
m
o
t
u
A
.
.
t
u
p
n
i
k
c
o
l
c
p
e
t
s
t
s
a
l
e
h
t
r
e
t
f
a
d
n
o
c
e
ss
0.5
3
2
,
2
2R
C
S
O
,
C
R
C
S
O.
r
o
t
a
ll
i
c
s
o
M
W
P
d
r
a
o
b
-
n
o
r
o
f
s
t
u
p
n
i
r
o
t
i
c
a
p
a
c
/
r
o
t
s
i
s
e
R
t
u
p
n
i
n
o
i
t
c
e
t
o
r
p
e
g
a
t
l
o
v
r
e
v
O
6
2P
M
T
V
O.
t
u
p
n
i
n
o
i
t
c
e
t
o
r
p
e
r
u
t
a
r
e
p
m
e
t
r
e
v
O
VCC
e
g
a
t
l
o
v
y
l
p
p
u
S
,
1
2
,
7
4
5
,
0
4
D
N
G.
d
n
u
o
r
G
1
5
-
8
43
L
E
S
M
-
0
L
E
S
M
e
l
b
a
li
a
v
a
e
h
T
.
p
e
t
s
ll
u
f
r
e
p
s
p
e
t
s
o
r
c
i
m
f
o
r
e
b
m
u
n
e
h
t
t
c
e
l
e
s
o
t
d
e
s
u
e
r
a
s
t
u
p
n
i
e
s
e
h
T
.
s
t
u
p
n
i
t
c
e
l
e
s
n
o
i
t
u
l
o
s
e
r
p
e
t
s
o
r
c
i
M
.
6
5
2
,
0
5
2
,
8
2
1
,
5
2
1
,
4
6
,
0
5
,
2
3
,
5
2
,
6
1
,
0
1
,
8
,
5
,
4
,
2
:
e
r
a
)
p
e
t
s
/
s
p
e
t
s
o
r
c
i
m
(
s
n
o
i
t
u
l
o
s
e
r
9
1
-
2
1
7
D
A
-
0
D
A
l
a
n
r
e
t
x
e
h
t
i
w
n
o
i
t
c
n
u
j
n
o
c
n
i
d
e
s
u
e
r
a
s
t
u
p
t
u
o
e
s
e
h
T
.
S
0
0
0
2
M
I
n
o
7
s
s
e
r
d
d
A
–
0
s
s
e
r
d
d
A
.
s
e
v
r
u
c
e
n
i
s
o
c
d
n
a
e
n
i
s
d
e
il
p
p
u
s
r
e
s
u
r
o
f
s
e
l
b
a
t
p
u
k
o
o
l
UT
O
C
.
s
t
u
p
n
i
N
E
d
n
a
L
E
S
C
e
h
t
n
o
t
n
e
d
n
e
p
e
d
s
i
t
u
p
t
u
o
s
i
h
T
.
t
u
p
t
u
o
K
L
C
S
6
5
,
5
51
R
I
C
,
0
R
I
C
-
n
o
n
a
r
o
g
n
i
t
a
l
u
c
r
i
c
e
r
a
n
i
e
b
ll
i
w
M
W
P
e
h
t
t
o
n
r
o
r
e
h
t
e
h
w
t
c
e
l
e
s
o
t
d
e
s
u
e
r
a
s
t
u
p
n
i
e
s
e
h
T
.
s
t
u
p
n
i
t
c
e
l
e
s
n
o
i
t
a
l
u
c
r
i
c
M
W
P
.
e
d
o
m
g
n
i
t
a
l
u
c
r
i
c
e
r
-
n
o
n
d
n
a
g
n
i
t
a
l
u
c
r
i
c
e
r
c
i
t
a
m
o
t
u
a
n
a
r
o
,
e
d
o
m
g
n
i
t
a
l
u
c
r
i
c
e
r
53
45, 2
43, 4
12-19
COS0-COS7
47
IHI
36, 11
VSA, VSB
Phase A and Phase B current sense inputs.
20
OVV
24
25, 58
27
typically
IM2000S Pin Description
Table 2.5: IM2000S Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com