Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 72 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 72 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 68Page - Intel Corporation SCD1284 Datasheet HTML 69Page - Intel Corporation SCD1284 Datasheet HTML 70Page - Intel Corporation SCD1284 Datasheet HTML 71Page - Intel Corporation SCD1284 Datasheet HTML 72Page - Intel Corporation SCD1284 Datasheet HTML 73Page - Intel Corporation SCD1284 Datasheet HTML 74Page - Intel Corporation SCD1284 Datasheet HTML 75Page - Intel Corporation SCD1284 Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
72
Datasheet
5.9
Baud Rate Generation
The CD1284 provides a separate baud rate generator both directions of each channel. Each receive
and transmit baud rate generator can be driven from one of five available clock sources. The source
being used is selected by the value in the R/TCOR. The selected clock is divided by the value in the
R/TBPR to yield the desired bit rate.
Note:
R/T is used as a register abbreviation indicating Receive / Transmit followed by the register
acronym.
The five clock sources are:
Figure 10. CD1284 Transmit Character Processing (Continued)
D
E
CHAR
TRANSLATION
ENABLED
?
PERFORM CR, NL
PROCESSING AS
SPECIFIED
Y
N
SEND CHAR
EXIT
Clk0
System clock
÷ 8, R/TCOR = 0
Clk1
System clock
÷ 32, R/TCOR = 1
Clk2
System clock
÷ 128, R/TCOR = 2
Clk3
System clock
÷ 512, R/TCOR = 3
Clk4
System clock
÷ 2048,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com