Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 56 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 56 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 52Page - Intel Corporation SCD1284 Datasheet HTML 53Page - Intel Corporation SCD1284 Datasheet HTML 54Page - Intel Corporation SCD1284 Datasheet HTML 55Page - Intel Corporation SCD1284 Datasheet HTML 56Page - Intel Corporation SCD1284 Datasheet HTML 57Page - Intel Corporation SCD1284 Datasheet HTML 58Page - Intel Corporation SCD1284 Datasheet HTML 59Page - Intel Corporation SCD1284 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
56
Datasheet
As previously discussed, the send special character command is preemptive to data currently in the
transmit FIFO. The XOFF character is transmitted immediately after the current character and the
character in the Transmitter Holding register are sent (a maximum delay of two character times).
When the CPU is again ready to start receiving characters, the XON character is sent by another
send special character command. At this time, the CD1284 is issued the command to send the
character programmed in SCHR1.
Send special character commands override any flow-control by a remote of the CD1284. For
example, even if the CD1284 transmitter is shut off by the remote, it can still send flow control
characters.
The current state of the flow-control condition is always made available to the CPU through the
CCSR. In addition to the enabled/disabled status of the receiver and transmitter, the CCSR displays
the flow-control status.
Two bits in the CCSR pertain to receiver flow control, RxFloff and RxFlon. Whenever the CPU
issues the send special character 2 (send XOFF) command, the CD1284 sets the RxFloff bit,
indicating a request for the remote to stop transmission.
When the CPU issues the send special character 1 (send XON) command, RxFlon is set and
RxFloff reset. RxFlon remains set until the first character is received after XON is transmitted.
Table 15 shows the bit encoding for RxFloff and RxFlon.
RxFloff and RxFlon are cleared whenever the receiver is disabled or enabled, regardless of the
state of flow control when the disable/enable occurred.
Note:
Regardless of the current state of RxFloff, the CD1284 continues to receive characters. If the
remote ignores or is slow to respond to the XOFF character, there an overrun condition can occur.
5.6.2.1
Transmitter In-Band Flow Control
The CD1284 can automatically flow control its own transmitter when it receives the XON and
XOFF characters, as programmed in SCHR1 and SCHR2. There are control bits in COR2 and
COR3 to enable or disable various aspects of automatic flow control.
Special-character detection must be enabled through the SCD12 bit (COR3[4]) for flow-control
characters to be acted upon. When SCD12 is set, the CD1284 scans received characters for a match
with one of the special characters programmed in SCHR1–SCHR2.
Table 15. CCSR[6:5] Encoding
RxFloff
RxFlon
Encoded Status
00
Transmission resumes, the receiver is
enabled/disabled, or receiver is in the
default reset state.
01
XON is sent, but transmission has not
restarted.
1
0
XOFF was sent.
1
1
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com