Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 63 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 63 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 59Page - Intel Corporation SCD1284 Datasheet HTML 60Page - Intel Corporation SCD1284 Datasheet HTML 61Page - Intel Corporation SCD1284 Datasheet HTML 62Page - Intel Corporation SCD1284 Datasheet HTML 63Page - Intel Corporation SCD1284 Datasheet HTML 64Page - Intel Corporation SCD1284 Datasheet HTML 65Page - Intel Corporation SCD1284 Datasheet HTML 66Page - Intel Corporation SCD1284 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
63
5.7.2
Non-UNIXReceive Special Character Processing
In addition to UNIX special-character processing, the CD1284 provides other special character
recognition capabilities. The CD1284 has four registers that define special characters, SCHR1–
SCHR4. SCHR1 and SCHR2, are used in flow-control activities and (see Section 5.6). SCHR3 and
SCHR4 define two additional special characters that the CD1284 can scan for in the receive data
stream. Recognition of special characters 3 and 4 are enabled by the SCD34 bit (COR3[6]). If
either of these characters are received, a special character detect (receive exception) service request
is sent. Note that if automatic in-band flow control is not enabled, SCHR1 and SCHR2 can still be
used as special characters. They are detected and reported as receive exceptions, but they do not
cause flow-control activities to be envoked.
The range detect function is another special character function. If this mode is enabled (COR3[7]
set), the CD1284 compares all received characters against the values in the SCRL and SCRH
registers. If the character received falls between these two values (inclusive), a special character
detect service request is posted.
The status shown in the RDSR indicates which of the special character recognition conditions were
met and caused the receive exception service request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com