Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 52 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 52 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 48Page - Intel Corporation SCD1284 Datasheet HTML 49Page - Intel Corporation SCD1284 Datasheet HTML 50Page - Intel Corporation SCD1284 Datasheet HTML 51Page - Intel Corporation SCD1284 Datasheet HTML 52Page - Intel Corporation SCD1284 Datasheet HTML 53Page - Intel Corporation SCD1284 Datasheet HTML 54Page - Intel Corporation SCD1284 Datasheet HTML 55Page - Intel Corporation SCD1284 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
52
Datasheet
Type 2
If there is no data in the FIFO when the timer expires and the NNDT service request is enabled in
the SRER, a receive exception service request is posted with status indicating the timeout
condition. This timeout is optional and is provided so that driver software can detect the possible
end of a block of data and allow its buffers to be flushed to the higher, operating system level. The
NNDT is posted only on the first occurrence of a timeout after the FIFO becomes empty. Also note
that the NNDT timer is not started if the last character removed from the FIFO was an exception
character, such as a break or parity error.
Figure 8 on page 53 shows the timer process evaluation performed by the MPU when the timer
reaches zero.
5.5.3
Receive Exceptions
Several conditions can cause the CD1284 to post the receive exception service request. If an
exception condition occurs, two bytes are placed in the receive FIFO. The first byte contains the
status indicating the type of error; the second byte contains the data.
Exception data is sent to the CPU one event at a time. That is, there is a separate service request for
each character received with special conditions. If, when an exception condition occurs the receive
FIFO contains good data, a good data receive service request is immediately posted upon receipt of
the bad data. This happens regardless of the number of characters in the FIFO and the programmed
threshold. This allows the CPU to remove the data in the FIFO ahead of the exception data so that
the CD1284 can post the service request for the error condition. Once the service-acknowledge
procedure for the good data is terminated, a new service request is posted for the exception data.
When the CPU acknowledges the receive exception service request, it first reads the RDSR to
determine the status and then to retrieve the data. Reading the data is optional: if the FIFO is not
read twice during the service routine, the CD1284 updates the internal FIFO pointers appropriately
and discards the second byte.
Note:
The CPU need not actually read any data from the FIFO during an exception service acknowledge
— the FIFO pointers are correctly updated at the end of the service routine, discarding both the
status and the data. In this way, the CPU must at least read the status or it is permanently lost.)
Another special case of exception data handling is received line break conditions. A line break is a
character with a start bit, ‘0’ data, and no parity or stop bit. In this case, a null (‘0’) character is
placed in the FIFO with the break condition indicated in the accompanying status, and a receive
exception service request is posted. However, regardless of the length of the break, only one
character is placed in the FIFO. Resumption of normal character reception causes new data to again
be placed in the FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com