Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 26 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 26 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 22Page - Intel Corporation SCD1284 Datasheet HTML 23Page - Intel Corporation SCD1284 Datasheet HTML 24Page - Intel Corporation SCD1284 Datasheet HTML 25Page - Intel Corporation SCD1284 Datasheet HTML 26Page - Intel Corporation SCD1284 Datasheet HTML 27Page - Intel Corporation SCD1284 Datasheet HTML 28Page - Intel Corporation SCD1284 Datasheet HTML 29Page - Intel Corporation SCD1284 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 176 page
background image
CD1284 — IEEE 1284-Compatible Parallel Interface Controller
26
Datasheet
Table 6.
Channel Registers — Parallel Pipeline
(Selected by Channel 0 in CAR)
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
DER
33
DMAwrerr
DMArderr
Bufwrerr
Bufrderr
HR1wrerr
HR1rderr
HR2wrerr
HR2rderr
136
DMABUF
(H)
30
15
14
13
12
11
10
9
8
137
DMABUF
(L)
30
7
6
5
4
3
2
1
0
137
HRSR
34
HR1full
HR1tag
HR2full
HR2tag
DMAfull
DMAmpty
DMAact
Ctnot0
138
LIVR
18
User-Defined Bits
IT2
IT1
IT0
138
PACR
3F
ShrtTen
ShrtStal
StaleOff
FIFOlock
ClearTO
0
AsyncDMA
Unfair
139
PCRR
6C
0
0
0
0
0
0
0
PChReset
140
PFCR
31
FIFOres
DMAen
DMAdir
IntEn
RLEen
setTAG
ErrEn
DMAbufWe
140
PFEP
39
0
0
6-Bit Binary FIFO Pointer Value
141
PFFP
38
0
0
6-Bit Binary FIFO Pointer Value
142
PFHR1
35
8-Bit Character Data
142
PFHR2
36
8-Bit Character Data
142
PFQR
3A
Data or Space Available in FIFO — Max 0x’40
143
PFSR
32
FFfull
FFempty
Timeout
HRtag
HRdata
Stale
OneChar
DataErr
143
PFTR
3B
0
DMA Transfer Threshold
144
RLCR
37
0
7-Bit Unsigned Binary Count
144
SDTCR
3D
8-Bit Stale Data Timer Count
145
SDTPR
3C
8-Bit Stale Data Timeout Value
145
Table 7.
Channel Registers — Parallel Port
(Selected by Channel 0 in CAR) (Sheet 1 of 2)
Name
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page
EAR
25
8-Bit Binary Value
146
HTVR
24
HTVR[7]
HTVR[6]
HTVR[5]
HTVR[4]
HTVR[3]
HTVR[2]
HTVR[1]
HTVR[0]
146
IVR
2E
0
0
0
0
A1284
nInit
HstBsy
HstClk
147
MDR
21
8-Bit Binary Data
148
NER
28
0
RID
0
EPP
RLE
ECP
RVB
RVN
148
NSR
29
NegOK
NegFl
HostTO
ImedTerm
4-Bit Negotiation Result Code
148
ODR
2D
0
0
0
0
A1284
nInit
HstBsy
HstClk
149
OVR
2B
PerBsy
PerClk
AkDaRq
xFlag
nDatAv
0
0
0
150
PCIER
22
0
TimEn
NegCh
SigCh
EPPAW
DirCh
IDReq
nINIT
150
PCISR
23
0
TimeOvr
NegCh
SigCh
EPPAW
DirCh
IDReq
nINIT
150
PCR
20
ManMd
E1284
ETxfr
Ig_SEL
HTmrTst[1:0]
MMDir
ManOE
151
SCR
2A
0
0
0
TstMux
ClrPs
SetPs
EPIrq
RevRq
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com