Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 21 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 21 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 17Page - Intel Corporation SCD1284 Datasheet HTML 18Page - Intel Corporation SCD1284 Datasheet HTML 19Page - Intel Corporation SCD1284 Datasheet HTML 20Page - Intel Corporation SCD1284 Datasheet HTML 21Page - Intel Corporation SCD1284 Datasheet HTML 22Page - Intel Corporation SCD1284 Datasheet HTML 23Page - Intel Corporation SCD1284 Datasheet HTML 24Page - Intel Corporation SCD1284 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
21
DS*
77
I
ACTIVE-LOW DATA STROBE: During an active I/O cycle, the input DS* strobes data
into On-Chip registers on write cycles or enables data onto the data bus during read
cycles. DS* is ignored during DMA operations.
BYTESWAP
82
I
BYTESWAP: This input determines the byte order for 2-byte DMA transfers and for
writes to the DMA Buffer register. When BYTESWAP is ‘1’, then Data Bus bits [15:8]
are driven with the byte transferred first on the parallel port bus. Data Bus bits [7:0] are
driven with the byte transferred second on the parallel port bus. When BYTESWAP is
‘0’, the data order is reversed, bits [7:0] are driven with the byte transferred first and
bits [15:8] are driven with the byte transferred second.
DTACK*
75
AR
ACTIVE-LOW DATA TRANSFER ACKNOWLEDGE: This output indicates: 1) when
the device completes the requested I/O operation, and, 2) when the current cycle can
finish. This signal can implement wait-state insertion for the local CPU. DTACK* does
not activate on DMA cycles.It is an active-release output, driving to a logic ‘1’ then
releasing to OD. DTACK* must be ties to external Vcc through a pull-up resistor.
DMAREQ*
13
O
ACTIVE-LOW DMA REQUEST: When the internal control bit DMAen is set, the output
DMAREQ* is asserted if internal FIFO conditions warrant a DMA transfer. DMAREQ*
is deasserted on the falling edge of DMAACK* when DMA transfers cannot continue
past the current transfer.
DMAACK*
12
I
ACTIVE-LOW DMA ACKNOWLEDGE: This input is never asserted unless in
response to a DMAREQ* from the chip. DMAACK* is the only bus handshake signal
recognized during a DMA transfer. (CS* must be high whenever DMAACK* is
asserted). The direction of DMA transfer is determined by internal control bit DMAdir.
SVCREQR*
61
OD
ACTIVE-LOW SERVICE REQUEST RECEIVE: This is an open-drain output and must
be tied to external VCC through a pull-up resistor. When active, the device serial-
receive FIFO has either reached the programmed threshold or an exception condition
exists that requires CPU attention.
SVCACKR*
62
I
ACTIVE-LOW SERVICE ACKNOWLEDGE RECEIVE: This input is driven low during
service acknowledge cycles to begin servicing a receive-service request. It must not
be driven active except in response to a receive-service request presented by the
device.
SVCREQT*
63
OD
ACTIVE-LOW SERVICE REQUEST TRANSMIT: This is an open-drain output and
must be tied to external VCC through a pull-up resistor. When active, the device serial
transmit FIFO or serial transmitter is empty and requires CPU attention.
SVCACKT*
64
I
ACTIVE-LOW SERVICE ACKNOWLEDGE TRANSMIT INPUT: This input is driven
low during service acknowledge cycles to begin servicing a transmit-service request. It
must not be driven active except in response to a transmit-service request presented
by the device.
SVCREQP*
68
OD
ACTIVE-LOW SERVICE REQUEST PARALLEL: This is an open-drain output and
must be tied to external VCC through a pull-up resistor. SVCREQP* is not activated by
FIFO threshold or FIFO full/empty conditions.
SVCACKP*
69
I
ACTIVE-LOW SERVICE ACKNOWLEDGE PARALLEL: This input cannot be driven
active except in response to a parallel service request presented by the device.
SVCREQM*
66
OD
ACTIVE-LOW SERVICE REQUEST STATUS (Modem): This is an open-drain output
that must be tied to external VCC through a pull-up resistor. When active, a
programmed modem signal change occurs and requires CPU attention.
SVCACKM*
67
I
ACTIVE-LOW SERVICE ACKNOWLEDGE STATUS (Modem): This input is driven
low during service acknowledge cycles to begin servicing a modem-service request. It
must not be driven active except in response to a modem-service request presented
by the device.
DGRANT*
70
I
ACTIVE-LOW DAISY GRANT: This input is driven active during service acknowledge
cycles to enable the daisy-chain function. This input, when qualified with DS* and a
valid service acknowledge (SVCACKR*, SVCACKT*, SVCACKM*, or SVCACKP*),
activates the CD1284 service-acknowledge cycle.
Table 1.
Pin Descriptions (Sheet 2 of 4)
Symbol
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com