Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD1284 Datasheet(PDF) 31 Page - Intel Corporation

Part # SCD1284
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD1284 Datasheet(HTML) 31 Page - Intel Corporation

Back Button SCD1284 Datasheet HTML 27Page - Intel Corporation SCD1284 Datasheet HTML 28Page - Intel Corporation SCD1284 Datasheet HTML 29Page - Intel Corporation SCD1284 Datasheet HTML 30Page - Intel Corporation SCD1284 Datasheet HTML 31Page - Intel Corporation SCD1284 Datasheet HTML 32Page - Intel Corporation SCD1284 Datasheet HTML 33Page - Intel Corporation SCD1284 Datasheet HTML 34Page - Intel Corporation SCD1284 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
31
5.0
Functional Description
5.1
Device Architecture
The CD1284 can be described as a small computer system designed for the purpose of sending and
receiving both serial and parallel data. It comprises a RISC processor (Multi-Channel Processing
Unit or MPU), RAM, ROM, local CPU bus interface logic, two serial data channels, and one IEEE
1284-compliant parallel port with a specialized data pipeline designed for high-speed transfers.
Architecturally, the CD1284 is two devices merged into a single unit. One part is a modified, two-
channel version of the Intel CD1400. The other part is a specialized parallel interface port
supported by its own deep FIFO and DMA interface logic. The interrupt structure of the CD1400
has been enhanced to include the interrupt requirements of the parallel port. This section describes
the modified CD1400 core and overall device architecture. Further sections provide details specific
to the parallel channel. Chapter 7.0 provides detailed bit descriptions and encoding for the registers
discussed in this chapter.
The MPU is a true RISC processor. In addition to having compact and efficient instructions, the
MPU has a ‘windowed’ architecture that allows it to handle one channel and its registers at a time.
Before beginning operations on a given channel, it loads an internal Index register that forces all
accesses to the appropriate set of registers. The Index register becomes part of the internal address
and allows direct addressing of the register bank and all hardware resources of the selected
channel. No address computation is required to select the proper channel.
This same windowed scheme is carried through to the CPU interface as well (Figure 4). For all
channel-specific accesses, the CPU first loads the CAR (Channel Access register) with a pointer to
the channel to be accessed. Thereafter, all read and write operations occur with the proper channel.
The software defines the register address once and this is valid for all channels because the CAR is
part of the internal addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com