Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  106980 Datasheet HTML 1Page - PHOENIX CONTACT 106980 Datasheet HTML 2Page - PHOENIX CONTACT 106980 Datasheet HTML 3Page - PHOENIX CONTACT 106980 Datasheet HTML 4Page - PHOENIX CONTACT 106980 Datasheet HTML 5Page - PHOENIX CONTACT 106980 Datasheet HTML 6Page - PHOENIX CONTACT 106980 Datasheet HTML 7Page - PHOENIX CONTACT 106980 Datasheet HTML 8Page - PHOENIX CONTACT 106980 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TRIO-PS-2G/1AC/12DC/10
106980_en_00
PHOENIX CONTACT
4 / 25
Description
Type
Order No.
Pcs./Pkt.
Primary-switched TRIO POWER power supply with push-
in connection for DIN rail mounting, input: 1-phase, output:
12 V DC/10 A
TRIO-PS-2G/1AC/12DC/10
2903158
1
3Ordering data
Accessories
Type
Order No.
Pcs./Pkt.
VARIOFACE module, with two equipotential busbars (P1,
P2) for potential distribution, for mounting on NS 35 rails.
Module width: 70.4 mm
VIP-2/SC/PDM-2/24
2315269
1
VARIOFACE module with push-in connection and two
equipotential busbars (P1, P2) for potential distribution, for
mounting on NS 35 rails. Module width: 57.1 mm
VIP-3/PT/PDM-2/24
2903798
1
The range of accessories is being continuously extended. The current range of accessories can be found in
the download area for the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com