Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 106980 Datasheet HTML 13Page - PHOENIX CONTACT 106980 Datasheet HTML 14Page - PHOENIX CONTACT 106980 Datasheet HTML 15Page - PHOENIX CONTACT 106980 Datasheet HTML 16Page - PHOENIX CONTACT 106980 Datasheet HTML 17Page - PHOENIX CONTACT 106980 Datasheet HTML 18Page - PHOENIX CONTACT 106980 Datasheet HTML 19Page - PHOENIX CONTACT 106980 Datasheet HTML 20Page - PHOENIX CONTACT 106980 Datasheet HTML 21Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TRIO-PS-2G/1AC/12DC/10
106980_en_00
PHOENIX CONTACT 17 / 25
13
Input
The power supply can be operated on single-phase AC or
DC power grids in accordance with the nominal input
voltage. Connection is via the INPUT L+/N- connection
terminal blocks.
For operation on two of the phase conductors of a three-
phase system, an isolating facility for all poles must be
provided.
Figure 11
Network types
13.1
Position of input terminals
Figure 12
Position of input terminals
13.2
Protection of the primary side
Installation of the device must correspond to EN 60950
regulations. It must be possible to disconnect the device
from the voltage using a suitable separator outside the
power supply. For example, the primary-side line protection
is suitable for this (see technical data).
An internal, approved AC/DC fuse is available as device
protection. Additional device protection is not required.
Figure 13
Schematic diagram, switching the input
terminals
-
+
N/-
L/+
L
N
PE
TN-S
-
+
N/-
L/+
L
PEN
TN-C
-
+
N/-
L/+
L
N
TT
-
+
N/-
L/+
L1
L2
L3
iT
L/+
N/-
If an internal fuse trips, this is due to a device
fault. In this case, the device must be
inspected in the factory. Opening the device
or repairing it yourself is prohibited.
L/+
N/-
L
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com