Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 18 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 18 Page - PHOENIX CONTACT

Back Button 106980 Datasheet HTML 14Page - PHOENIX CONTACT 106980 Datasheet HTML 15Page - PHOENIX CONTACT 106980 Datasheet HTML 16Page - PHOENIX CONTACT 106980 Datasheet HTML 17Page - PHOENIX CONTACT 106980 Datasheet HTML 18Page - PHOENIX CONTACT 106980 Datasheet HTML 19Page - PHOENIX CONTACT 106980 Datasheet HTML 20Page - PHOENIX CONTACT 106980 Datasheet HTML 21Page - PHOENIX CONTACT 106980 Datasheet HTML 22Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TRIO-PS-2G/1AC/12DC/10
106980_en_00
PHOENIX CONTACT 18 / 25
14
Output
A DC voltage for supplying the load is provided at the output
of the power supply. The load is connected via the OUTPUT
+/- connection terminal blocks.
By default, the power supply is pre-set to a nominal output
voltage of 12 V DC.
The output voltage can also be set to the range from 12 V DC
to 18 V DC using the potentiometer in order to compensate
for a possible voltage drop due to the long cable lengths
between the power supply and the load to be supplied.
14.1
Position of output terminals
Figure 14
Position of output terminals
14.2
Protection of the secondary side
The power supply is electronically short-circuit-proof and
idling-proof. In the event of an error, the output voltage is
limited. It must be ensured that all output cables are
dimensioned accordingly for the maximum output current or
have separate protection.
The connecting cables on the secondary side should have
large cross sections to keep the voltage drops in the cables
as low as possible.
Figure 15
Schematic diagram, switching the output
terminals
14.3
Output characteristic curve
The power supply works with a dynamic power reserve, the
dynamic boost, as shown in the U/I characteristic curve in
the figure. In the event of a secondary-side short circuit or
overload, the output current is limited to 1.5 x I
N. The
module does not switch off, but supplies a continuous output
current instead. The secondary voltage is then reduced until
the short circuit is eliminated. The U/I characteristic curve
with the dynamic power reserve enables high switch-on
currents of capacitive loads or inductive loads to be supplied
reliably.
Figure 16
U/I characteristic curve with dynamic load
reserve
–U
N = 12 V DC
–I
N = 10 A
–I
dyn. BOOST = 15 A
–P
N = 120 W
–P
dyn. BOOST = 180 W
+
+
-
-
-
+
+
-
-
-
R Load
I
[A]
OUT
U
N
I
N
U < 0,9 x U
N
t≥5 s
1,5 x I
N
dyn. Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com