Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 106980 Datasheet HTML 10Page - PHOENIX CONTACT 106980 Datasheet HTML 11Page - PHOENIX CONTACT 106980 Datasheet HTML 12Page - PHOENIX CONTACT 106980 Datasheet HTML 13Page - PHOENIX CONTACT 106980 Datasheet HTML 14Page - PHOENIX CONTACT 106980 Datasheet HTML 15Page - PHOENIX CONTACT 106980 Datasheet HTML 16Page - PHOENIX CONTACT 106980 Datasheet HTML 17Page - PHOENIX CONTACT 106980 Datasheet HTML 18Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TRIO-PS-2G/1AC/12DC/10
106980_en_00
PHOENIX CONTACT 14 / 25
9Cooling
Heat is dissipated from the power supply via the heatsinks
integrated into the housing surfaces. Convection to
dissipate heat from the power supply only takes place in
small dimensions above the housing openings.
Figure 4
Convection
10
Mounting position and dimensions
10.1
Mounting position
Figure 5
Locked areas
Possible mounting positions:
Normal mounting position, installation depth 115 mm (+ DIN
rail)
The power supply can be aligned without
minimum lateral clearance up to an ambient
temperature of 40°C. In a temperature range
up to ≤ 70°C, a lateral minimum clearance of
10 mm between two active components (e.g.,
power supply) is required.
The device can be snapped onto all DIN rails
in accordance with EN 60715 and should be
mounted in the normal mounting position.
To ensure sufficient wiring space to wire the
power supply, we recommend a vertical
minimum clearance from other devices of 50
mm. Depending on the cable duct used, a
smaller clearance may be possible.
35
+
+
-
-
-
L/+
N/-
11
2- 8V
DC OK
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com