Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  106980 Datasheet HTML 1Page - PHOENIX CONTACT 106980 Datasheet HTML 2Page - PHOENIX CONTACT 106980 Datasheet HTML 3Page - PHOENIX CONTACT 106980 Datasheet HTML 4Page - PHOENIX CONTACT 106980 Datasheet HTML 5Page - PHOENIX CONTACT 106980 Datasheet HTML 6Page - PHOENIX CONTACT 106980 Datasheet HTML 7Page - PHOENIX CONTACT 106980 Datasheet HTML 8Page - PHOENIX CONTACT 106980 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1Description
Power supply unit
TRIO-PS-2G/1AC/12DC/10
© PHOENIX CONTACT
Data sheet
TRIO POWER - power supplies with standard functionality
The power supplies of the TRIO POWER family convince
due to their slim and robust design. The dynamic boost (1.5
x I
N for 5 seconds) absorbs starting currents and short
overload situations securely during operation and without a
drop in output voltage. The push-in connection technology
on the front enables fast and tool-free wiring of the devices.
Features
–
Tool-free connection via push-in connection
technology
–
Safe operation, thanks to electrically and mechanically
robust design
–
Especially slim design
–
Worldwide use, thanks to wide-range input
–
Reliable starting of heavy loads, thanks to dynamic
boost (1.5 x I
N for 5 seconds)
–
Simplified error diagnostics for remote signaling via DC-
OK signal contact
–
OVP (Over Voltage Protection) limits surge voltages to
≤25 V DC
Technical data (short form)
Input voltage range
100 V AC ... 240 V AC
-15 % ... +10 %
110 V DC ... 250 V DC
10 %
Mains buffering
> 20 ms (120 V AC)
> 20 ms (230 V AC)
Nominal output voltage (U
N)
12 V DC ±1 %
Setting range of the output voltage
(U
Set)
12 V DC ... 18 V DC
Nominal output current (I
N)
Dynamic Boost (I
Dyn.Boost)
10 A
15 A (5 s)
Output power (P
N)
Output power (P
Dyn. Boost)
120 W
180 W
Efficiency
typ. 87.5 % (120 V AC)
typ. 88.7 % (230 V AC)
Residual ripple
< 20 mV
PP
MTBF (IEC 61709, SN 29500)
> 2900000 h (25 °C)
> 1700000 h (40 °C)
> 820000 h (60 °C)
Ambient temperature (operation)
-25 °C ... 70 °C
> 60 °C Derating: 2.5 %/K
Dimensions W/H/D
35 mm / 130 mm / 115 mm
Weight
0.4 kg
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
106980_en_00
2017-07-27


Similar Part No. - 106980

ManufacturerPart #DatasheetDescription
logo
Heyco.
10698 HEYCO-10698 Datasheet
133Kb / 1P
Nylon PCB Supports - Threaded Male
logo
Weidmuller
1069810000 WEIDMULLER-1069810000 Datasheet
575Kb / 4P
SHL-SMT 5.00/04GL 5.9RL
logo
PHOENIX CONTACT
1069829 PHOENIX-1069829 Datasheet
178Kb / 4P
PATG HF 3/30/BIN - Conductor marker carrier
1069847 PHOENIX-1069847 Datasheet
190Kb / 6P
LS-EMLSP (70,8X40) WH - Device marker
1069876 PHOENIX-1069876 Datasheet
289Kb / 7P
EH 45-C CS/ABS-PC GY7035 - Upper housing part
More results

Similar Description - 106980

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903149 PHOENIX-2903149 Datasheet
88Kb / 7P
Power supply unit - TRIO-PS-2G/1AC/24DC/10
105897 PHOENIX-105897 Datasheet
734Kb / 26P
TRIO-PS-2G/1AC/24DC/10/BD
106963 PHOENIX-106963 Datasheet
561Kb / 25P
TRIO-PS-2G/1AC/12DC/5/C2LPS
107009 PHOENIX-107009 Datasheet
582Kb / 25P
TRIO-PS-2G/1AC/48DC/10
108148 PHOENIX-108148 Datasheet
554Kb / 25P
TRIO-PS-2G/1AC/48DC/5
2866323 PHOENIX-2866323 Datasheet
142Kb / 6P
TRIO-PS/1AC/24DC/10
2866475 PHOENIX-2866475 Datasheet
128Kb / 6P
TRIO-PS/ 1AC/12DC/ 5
2866488 PHOENIX-2866488 Datasheet
129Kb / 6P
TRIO-PS/ 1AC/12DC/10
2866501 PHOENIX-2866501 Datasheet
134Kb / 6P
TRIO-PS/ 1AC/48DC/10
2903158 PHOENIX-2903158 Datasheet
92Kb / 8P
Power supply unit - TRIO-PS-2G/1AC/12DC/10
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com