Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

106980 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 106980
Description  TRIO-PS-2G/1AC/12DC/10
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

106980 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 106980 Datasheet HTML 6Page - PHOENIX CONTACT 106980 Datasheet HTML 7Page - PHOENIX CONTACT 106980 Datasheet HTML 8Page - PHOENIX CONTACT 106980 Datasheet HTML 9Page - PHOENIX CONTACT 106980 Datasheet HTML 10Page - PHOENIX CONTACT 106980 Datasheet HTML 11Page - PHOENIX CONTACT 106980 Datasheet HTML 12Page - PHOENIX CONTACT 106980 Datasheet HTML 13Page - PHOENIX CONTACT 106980 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TRIO-PS-2G/1AC/12DC/10
106980_en_00
PHOENIX CONTACT 10 / 25
Output
0.5 kV (Test Level 1 -
symmetrical)
0.5 kV (Test Level 1 -
asymmetrical)
1 kV (Test Level 2 -
symmetrical)
2 kV (Test Level 3 -
asymmetrical)
Signal
0.5 kV (Test Level 2 -
asymmetrical)
1 kV (Test Level 2 -
asymmetrical)
Comments
Criterion B
Criterion B
Conducted interference EN 61000-4-6
Input/Output/Signal
asymmetrical
asymmetrical
Frequency range
0.15 MHz ... 80 MHz
0.15 MHz ... 80 MHz
Voltage
10 V (Test Level 3)
10 V (Test Level 3)
Comments
Criterion A
Criterion A
Voltage dips EN 61000-4-11
Input voltage ( 230 V AC , 50 Hz )
Voltage dip on
70 % , 25 periods ( Test Level
2 )
70 % , 25 periods ( Test Level
2 )
Comments
Criterion C
Criterion A
Voltage dip on
40 % , 10 periods ( Test Level
2 )
40 % , 10 periods ( Test Level
2 )
Comments
Criterion C
Criterion A
Voltage dip on
0 % , 1 period ( Test Level 2 )
0 % , 1 period ( Test Level 2 )
Comments
Criterion B
Criterion A
Immunity according to EN 61000-6-1 (residential), EN 61000-6-2 (industrial)
CE basic standard
Minimum normative
requirements of EN 61000-
6-2 (CE)
(immunity for industrial
environments)
Higher requirements in
practice (covered)
Key
Criterion A
Normal operating behavior within the specified limits.
Criterion B
Temporary impairment to operational behavior that is corrected by the device itself.
Criterion C
Temporary adverse effects on the operating behavior, which the device corrects
automatically or which can be restored by actuating the operating elements.
Emitted interference in acc. with EN 61000-6-3
Radio interference voltage in acc. with EN 55011
EN 55011 (EN 55022) Class B, area of application: Industry
and residential
Emitted radio interference in acc. with EN 55011
EN 55011 (EN 55022) Class B, area of application: Industry
and residential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com